Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC126S14-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74HC126S14-13
Description  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC126S14-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  74HC126S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 8Page - Diodes Incorporated 74HC126S14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74HC126
Document number: DS35327 Rev. 3 - 2
5 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HC126
Parameter Measurement Information
VCC
Inputs
VM
VLOAD
CL
RL
V∆
VI
tr/tf
2.0V to 6.0V
VCC
≤3ns
VCC/2
2 X VCC
15,50 pF
2 KΩ
10% of VCC
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Figure 1 Load Circuit and Voltage Waveforms
Notes: A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz
C. The inputs are measured one at a time with one transition per measurement.
D. For the 3 state device tPLZ and tPZL are the same as tPD.
E. tPZL is measured at VM.
D. tPLZ is measured at VOL +V
TEST
Condition
tPLZ (see Notes D and E)
tPZL(see Notes D and F)
Vload
Vload


Similar Part No. - 74HC126S14-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC126 NEXPERIA-74HC126 Datasheet
244Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 6 - 28 December 2022
74HC126-Q100 NEXPERIA-74HC126-Q100 Datasheet
702Kb / 15P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74HC126D PHILIPS-74HC126D Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HC126D TOSHIBA-74HC126D Datasheet
197Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
More results

Similar Description - 74HC126S14-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com