Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV06A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LV06A
Description  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV06A Datasheet(HTML) 4 Page - Diodes Incorporated

  74LV06A Datasheet HTML 1Page - Diodes Incorporated 74LV06A Datasheet HTML 2Page - Diodes Incorporated 74LV06A Datasheet HTML 3Page - Diodes Incorporated 74LV06A Datasheet HTML 4Page - Diodes Incorporated 74LV06A Datasheet HTML 5Page - Diodes Incorporated 74LV06A Datasheet HTML 6Page - Diodes Incorporated 74LV06A Datasheet HTML 7Page - Diodes Incorporated 74LV06A Datasheet HTML 8Page - Diodes Incorporated 74LV06A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74LV06A
Document number: DS35660 Rev. 1 - 2
4 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV06A
Switching Characteristics
VCC = 2.5V ± 0.2V
Symbol
Parameter
Test Conditions
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLZ
Propagation Delay AN
to YN
Figure 1
CL = 15pF
5.4
10.4
1
13
1
13
ns
tPZL
7.2
10.4
1
13
1
13
tPLZ
Figure 1
CL = 50pF
9.7
15.2
1
18
1
18
ns
tPZL
9.3
15.2
1
18
1
18
VCC =3.3V ± 03 V
Symbol
Parameter
Test Conditions
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLZ
Propagation Delay AN
to YN
Figure 1
CL = 15pF
2.9
7.1
1
8.5
1
8.5
ns
tPZL
4
7.1
1
8.5
1
8.5
tPLZ
Figure 1
CL = 50pF
4.7
10.6
1
12
1
12
ns
tPZL
5.8
10.6
1
12
1
12
VCC =5.0V ± 0.5V
Symbol
Parameter
Test Conditions
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
Min
Max
tPLZ
Propagation Delay AN
to YN
Figure 1
CL = 15pF
2.2
5.5
1
6.5
1
6.5
ns
tPZL
2.9
5.5
1
6.5
1
6.5
tPLZ
Figure 1
CL = 50 pF
3.4
7.5
1
8.5
1
8.5
ns
tPZL
4.2
7.5
1
8.5
1
8.5
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC
Typ
Unit
Cpd
Power Dissipation
Capacitance per Gate
f = 10MHZ
CL = 50pF
3.3V
2.5
pF
5.0V
3.0
Noise Characteristics
VCC = 3V, CL = 50pF TA = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
VOL(p)
Quiet output, maximum dynamic VOL
0.2
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
-0.1
-0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.1
V
VIH(D)
High Level dynamic input voltage
2.31
V
VIL(D)
Low Level dynamic input voltage
0.99
V
Package Characterisitics
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
Ci
Input Capacitance
Vi = VCC – or GND
2.0 to 5.5V
3.3
10
pF


Similar Part No. - 74LV06A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV00 PHILIPS-74LV00 Datasheet
104Kb / 10P
   Quad 2-input NAND gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV00 NEXPERIA-74LV00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 10 September 2021
logo
Texas Instruments
74LV00A TI-74LV00A Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LV00A NEXPERIA-74LV00A Datasheet
192Kb / 10P
   Quad 2-input NAND gate
Rev. 1 - 19 December 2018
More results

Similar Description - 74LV06A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com