Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU407D Datasheet(PDF) 1 Page - Savantic, Inc.

Part # BU407D
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BU407D Datasheet(HTML) 1 Page - Savantic, Inc.

  BU407D Datasheet HTML 1Page - Savantic, Inc. BU407D Datasheet HTML 2Page - Savantic, Inc. BU407D Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU406D BU407D
DESCRIPTION
·With TO-220C package
·High voltage
·Fast switching speed
·Low saturation voltage
·Built-in damper diode
APPLICATIONS
·For use in horizontal deflection output
stages of TV’s and CTV’s circuits
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolut maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BU406D
400
VCBO
Collector-base voltage
BU407D
Open emitter
330
V
BU406D
200
VCEO
Collector-emitter voltage
BU407D
Open base
150
V
VEBO
Emitter-base voltage
Open collector
6
V
IC
Collector current (DC)
7
A
ICM
Collector current-Peak
10
A
IB
Base current
4
A
Ptot
Total power dissipation
TC=25
60
W
Tj
Maximum operating junction temperature
150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
2.08
/W


Similar Part No. - BU407D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU407D MOSPEC-BU407D Datasheet
107Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Boca Semiconductor Corp...
BU407D BOCA-BU407D Datasheet
113Kb / 3P
   NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BU407D ISC-BU407D Datasheet
67Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU407D NJSEMI-BU407D Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BU407D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com