Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG325NGK Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DG325NGK
Description  Safety Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DG325NGK Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DG325NGK Datasheet HTML 1Page - List of Unclassifed Manufacturers DG325NGK Datasheet HTML 2Page - List of Unclassifed Manufacturers DG325NGK Datasheet HTML 3Page - List of Unclassifed Manufacturers DG325NGK Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EATON CORPORATION Cutler-Hammer
6-11
120/240 VAC GENERAL-DUTY, FUSIBLE, SINGLE THROW
TABLE 6-16. 120/240 VAC GENERAL-DUTY, FUSIBLE, SINGLE THROW
Maximum hp ratings apply only when dual element time delay fuses are used.
Use 4-wire catalog numbers below.
Solid neutral bars are not included. Order separately from Table 6-27 on Page 6-18.
120/240 VAC GENERAL-DUTY, NON-FUSIBLE, SINGLE THROW
TABLE 6-17. 120/240 VAC GENERAL-DUTY, NON-FUSIBLE, SINGLE THROW
WARNING! Switch is not approved for service entrance unless a neutral kit is installed.
Use 3-wire catalog numbers below.
Drilled to accept field installed neutral kits.
Note: All general-duty safety switches are individually packaged.
Note: Accessories are limited in scope on general-duty safety switches. In addition, clear line shields are available as an accessory
on 200 – 600 ampere general-duty switches.
Catalog Numbers: 200 A = 70-7759-11, 400 A = 70-8063-8, 600 A = 70-8064-8.
Ampere
Rating
Fuse Type
Provision
Maximum Horsepower Ratings
NEMA 1
Enclosure
Indoor
NEMA 3R
Enclosure
Rainproof
1-Phase ac
3-Phase ac
dc
120
Volt
240
Volt
240
Volt
250
Volt
Catalog
Number
UPC
Code
Catalog
Number
UPC
Code
3-Pole 3-Wire (Three Blades, Three Fuses) — 240 Vac
30
60
100
200
400
600
H
H
50 – 125
75 – 200
DG325FGK
DG326FGK
782113589510
782113589572
DG325FRK
DG326FRK
782113589527
782113589589
4-Wire (Three Blades, Three Fuses, S/N) — 120/240 Vac
30
60
100
200
400
600
H
H
H
H
H
H
1-1/2 – 3
3 – 10
7-1/2 – 15
15
3 – 7-1/2
7-1/2 – 15
15 – 30
25 – 60
50 – 125
75 – 200
DG321NGB
DG322NGB
DG323NGB
DG324NGK
DG325NGK
DG326NGK
782113120201
782113144283
782113144344
782113213538
782113639208
782113639222
DG321NRB
DG322NRB
DG323NRB
DG324NRK
DG325NRK
DG326NRK
782113120348
782113144290
782113144351
782113213545
782113639215
782113639239
Ampere
Rating
Maximum Horsepower Ratings
NEMA 1
Enclosure
Indoor
NEMA 3R
Enclosure
Rainproof
1-Phase ac
3-Phase ac
dc
120
Volt
240
Volt
240
Volt
250
Volt
Catalog
Number
UPC
Code
Catalog
Number
UPC
Code
Non-Fusible — 2-Pole 2-Wire (Two Blades) — 240 Vac
30
60
100
200
2
3
3
10
15
DG221UGB
DG222UGB
DG223UGB
782113120102
782114731130
782114731147
DG221URB
DG222URB
DG223URB
782113120232
782113144238
782114731154
3-Pole 3-Wire (Three Blades) — 240 Vac
30
60
100
200
400
600
2
3
3
10
15
15
7-1/2
15
30
60
125
200
DG321UGB
DG322UGB
DG323UGB
DG324UGK
DG325UGK
DG326UGK
782113120140
782113144306
782113144368
782113213552
782113589534
782113589596
DG321URB
DG322URB
DG323URB
DG324URK
DG325URK
DG326URK
782113120287
782113144313
782113144375
782113213576
782113589541
782113589602


Similar Part No. - DG325NGK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3257 VISHAY-DG3257 Datasheet
175Kb / 9P
   700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
Rev. B, 20-Mar-17
DG3257DN-T1-GE4 VISHAY-DG3257DN-T1-GE4 Datasheet
175Kb / 9P
   700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
Rev. B, 20-Mar-17
More results

Similar Description - DG325NGK

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
List of Unclassifed Man...
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
SICK AG
I16-SA205 SICK-I16-SA205 Datasheet
387Kb / 6P
   ELECTRO-MECHANICAL SAFETY SWITCHES
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
I12-SA203 SICK-I12-SA203 Datasheet
297Kb / 7P
   ELECTRO-MECHANICAL SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
STR1-SAFF0AC8 SICK-STR1-SAFF0AC8 Datasheet
459Kb / 9P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com