Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G164245A Datasheet(PDF) 7 Page - Potato Semiconductor Corporation

Part # PO74G164245A
Description  1.65v-3.6v, 16-bit Dual Supply Level Shifting
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G164245A Datasheet(HTML) 7 Page - Potato Semiconductor Corporation

  PO74G164245A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 6Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 7Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 8Page - Potato Semiconductor Corporation PO74G164245A_14 Datasheet HTML 9Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Parameter Measurement Information, VCCA = 2.5V ±0.2V
Test Circuit
50Ohm
50Ohm
500Ohm
500Ohm
50pF
to
2pF
1.25V
1.25V
1.25V
1.25V
1.25V
1.25V
1.25V
1.25V
2 x VCCA
0.2V
0.2V
1.65v-3.6v, 16-bit Dual Supply Level Shifting
Bidirectional Transceiver with 3 state outputs
74 Series Noise Cancellation GHz Logic
7
01/01/10
Potato Semiconductor Corporation
PO74G164245A
www.potatosemi.com


Similar Part No. - PO74G164245A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G164245ASR POTATO-PO74G164245ASR Datasheet
960Kb / 10P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting Bidirectional Transceiver with 3 state outputs
PO74G164245ASU POTATO-PO74G164245ASU Datasheet
960Kb / 10P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting Bidirectional Transceiver with 3 state outputs
More results

Similar Description - PO74G164245A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A Datasheet
960Kb / 10P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting Bidirectional Transceiver with 3 state outputs
logo
Texas Instruments
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
   2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1_V01 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1_V02 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com