Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH922 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH922
Description  UNIPOLAR HALL-EFFECT SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH922 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH922 Datasheet HTML 1Page - Diodes Incorporated AH922 Datasheet HTML 2Page - Diodes Incorporated AH922 Datasheet HTML 3Page - Diodes Incorporated AH922 Datasheet HTML 4Page - Diodes Incorporated AH922 Datasheet HTML 5Page - Diodes Incorporated AH922 Datasheet HTML 6Page - Diodes Incorporated AH922 Datasheet HTML 7Page - Diodes Incorporated AH922 Datasheet HTML 8Page - Diodes Incorporated AH922 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
UNIPOLAR HALL-EFFECT SWITCH
AH922
May 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AH922
-
Circuit Type
Package
Temperature
Range
Part Number
Marking ID
Packing Type
TO-92S-3
AH922Z3-G1
922
Bulk
SOT-23-3
-40 to 125°C
AH922NTR-G1
GT4
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS
compliant and green.
G1: Green
TR: Tape & Reel
Blank: Bulk
Package
Z3: TO-92S-3
N: SOT-23-3


Similar Part No. - AH922

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
More results

Similar Description - AH922

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7010 MPOWER-MA7010 Datasheet
394Kb / 7P
   Unipolar Hall Effect Switch
MA7014 MPOWER-MA7014 Datasheet
122Kb / 2P
   Unipolar Hall Effect Switch
Rev0.2
MA7012 MPOWER-MA7012 Datasheet
372Kb / 7P
   Unipolar Hall Effect Switch
MA7011 MPOWER-MA7011 Datasheet
395Kb / 7P
   Unipolar Hall Effect Switch
logo
SEC Electronics Inc.
SS1103 SECELECTRONICS-SS1103_13 Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129_13 Datasheet
189Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118 Datasheet
163Kb / 5P
   Unipolar Hall-Effect Digital Switch
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
   Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_17 Datasheet
178Kb / 4P
   Unipolar Hall Effect Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com