Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4953FMTR-G1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AM4953FMTR-G1
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4953FMTR-G1 Datasheet(HTML) 4 Page - Diodes Incorporated

  AM4953FMTR-G1 Datasheet HTML 1Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 2Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 3Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 4Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 5Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4953FMTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Apr. 2012
Rev. 1. 5
BCD Semiconductor Manufacturing Limited
4
TR: Tape & Reel
Blank: Tube
Ordering Information
AM4953
-
Package
Temperature
Range
Output
Signal
Part Number
Marking ID
Packing
Type
MSOP-10
-40 to 105ºC
FG & RD
AM4953MM-G1
4953MM-G1
Tube
AM4953MMTR-G1
4953MM-G1
Tape & Reel
SSOP-10
FG & RD
AM4953GS-G1
4953GS-G1
Tube
AM4953GSTR-G1
4953GS-G1
Tape & Reel
MSOP-8
RD
AM4953M8-G1
4953M8-G1
Tube
AM4953M8TR-G1
4953M8-G1
Tape & Reel
SOIC-8
RD
AM4953M-G1
4953M-G1
Tube
AM4953MTR-G1
4953M-G1
Tape & Reel
FG
AM4953FM-G1
4953FM-G1
Tube
AM4953FMTR-G1
4953FM-G1
Tape & Reel
PSOP-8
FG
AM4953FMP-G1
4953FMP-G1
Tube
AM4953FMPTR-G1
4953FMP-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
G1: Green
Output Signal:
Blank: FG&RD/RD
F: FG
Package:
MM: MSOP-10
GS : SSOP-10
M8: MSOP-8
M: SOIC-8
MP: PSOP-8
Circuit Type


Similar Part No. - AM4953FMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4953FMTR-G1 BCDSEMI-AM4953FMTR-G1 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Similar Description - AM4953FMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com