Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4406FMTR-G1 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AM4406FMTR-G1
Description  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4406FMTR-G1 Datasheet(HTML) 5 Page - Diodes Incorporated

  AM4406FMTR-G1 Datasheet HTML 1Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 2Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 3Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 4Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 5Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4406FMTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406/4406F
Data Sheet
5
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Output Current
IOUT
70
mA
Power Dissipation
PD
550 (Note 2)
mW
Storage Temperature Range
TSTG
-55 to 125
oC
ESD (Human Body Model)
ESD
3000
V
ESD (Machine Model)
ESD
300
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: Reduced by 5.5mW/oC when TA is over 25oC.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4
28
V
Hall Input Voltage (+) (Note 3)
VHS (+)
1.0
VCC-0.5
V
Hall Input Voltage (-) (Note 3)
VHS (-)
1.0
VCC-0.5
V
Operating Temperature
TA
-40
95
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
Note 3: Hall input voltage range includes the amplitude of signal.


Similar Part No. - AM4406FMTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM4406F DIODES-AM4406F Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
More results

Similar Description - AM4406FMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4406 BCDSEMI-AM4406 Datasheet
194Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
Diodes Incorporated
AM4406 DIODES-AM4406_18 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com