Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9280 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH9280
Description  Two Phase Dual-coil High Voltage Smart Fan Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH9280 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH9280 Datasheet HTML 4Page - Diodes Incorporated AH9280 Datasheet HTML 5Page - Diodes Incorporated AH9280 Datasheet HTML 6Page - Diodes Incorporated AH9280 Datasheet HTML 7Page - Diodes Incorporated AH9280 Datasheet HTML 8Page - Diodes Incorporated AH9280 Datasheet HTML 9Page - Diodes Incorporated AH9280 Datasheet HTML 10Page - Diodes Incorporated AH9280 Datasheet HTML 11Page - Diodes Incorporated AH9280 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280
Oct. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
0
100
200
300
400
500
600
0
200
400
600
800
1000
1200
Output Current (mA)
T
A
=25
oC
V
CC
=12V
-25
0
25
50
75
100
125
150
0
100
200
300
400
500
600
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
-50
-40
-30
-20
-10
0
10
20
30
40
50
Ambient Temperature (
oC)
V
CC
=12V
B
OP
B
RP
B
HYS
Typical Performance Characteristics (Continued)
Figure 11. Saturation Voltage vs. Output Current
Figure 12. Power Dissipation vs. Ambient Temperature
Figure 13. BOP/BRP/BHYS vs. Ambient Temperature


Similar Part No. - AH9280

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results

Similar Description - AH9280

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com