Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4406 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM4406
Description  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4406 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4406 Datasheet HTML 2Page - Diodes Incorporated AM4406 Datasheet HTML 3Page - Diodes Incorporated AM4406 Datasheet HTML 4Page - Diodes Incorporated AM4406 Datasheet HTML 5Page - Diodes Incorporated AM4406 Datasheet HTML 6Page - Diodes Incorporated AM4406 Datasheet HTML 7Page - Diodes Incorporated AM4406 Datasheet HTML 8Page - Diodes Incorporated AM4406 Datasheet HTML 9Page - Diodes Incorporated AM4406 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406/4406F
Data Sheet
6
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current
ICC
No load
3.2
5.0
mA
Hall Amplifier Input Hysteresis (+)
VHYS (+)
Zero to peak including offset
and hysteresis
315
mV
Hall Amplifier Input Hysteresis (-)
VHYS (-)
Zero to peak including offset
and hysteresis
-3
-15
mV
CT Charge Current
ICHG
VCT=1.5V
2
3.45
5.25
µA
CT Discharge Current
IDHG
VCT=1.5V
0.35
0.8
1.45
µA
CT Charge and Discharge Ratio
RCD
ICHG/ IDHG
34.5
8
CT Clamp Voltage
VCL
2.2
2.6
3
V
CT Comparator Voltage
VCP
0.4
0.6
0.8
V
OUT1 High Level Voltage
VOH1
IOUT1=10mA
10
10.5
V
OUT2 High Level Voltage
VOH2
IOUT2=10mA
10
10.5
V
RD Output Low Level Voltage
VRDL
IRD=5mA
0.2
0.5
V
RD Current Capacity
IRD
VRD=2V
818
mA
FG Output Low Level Voltage
VFGL
IFG=5mA
0.2
0.5
V
FG Current Capacity
IFG
VFG=2V
818
mA
(VCC=12V, TA=25oC, unless otherwise specified.)
Electrical Characteristics


Similar Part No. - AM4406

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4406 BCDSEMI-AM4406 Datasheet
194Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
Diodes Incorporated
AM4406 DIODES-AM4406 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
AiT Semiconductor Inc.
AM4406 AITSEMI-AM4406 Datasheet
554Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
REV2.0
logo
Diodes Incorporated
AM4406F DIODES-AM4406F Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
BCD Semiconductor Manuf...
AM4406M BCDSEMI-AM4406M Datasheet
194Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
More results

Similar Description - AM4406

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4406 BCDSEMI-AM4406 Datasheet
194Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
Diodes Incorporated
AM4406 DIODES-AM4406_18 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com