Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB845L Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OPB845L
Description  Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB845L Datasheet(HTML) 5 Page - OPTEK Technologies

  OPB845L Datasheet HTML 1Page - OPTEK Technologies OPB845L Datasheet HTML 2Page - OPTEK Technologies OPB845L Datasheet HTML 3Page - OPTEK Technologies OPB845L Datasheet HTML 4Page - OPTEK Technologies OPB845L Datasheet HTML 5Page - OPTEK Technologies OPB845L Datasheet HTML 6Page - OPTEK Technologies OPB845L Datasheet HTML 7Page - OPTEK Technologies OPB845L Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
10/08
Page 5 of 8
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB830 and OPB840 Series (L & W)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Combined
VCE(SAT)
Collector-Emitter Saturation Voltage
Parameter A (OPB830L,OPB840L)
(OPB835L, OPB845L)
(OPB830W,OPB840W)
(OPB835W, OPB845W)
-
-
0.4
V
IC = 400 µA, IF = 20 mA
Parameter B (OPB831L,OPB841L)
(OPB836L,OPB846L)
(OPB831W,OPB841W)
(OPB836W,OPB846W)
-
-
0.4
V
IC = 800 µA, IF = 10 mA
Parameter C (OPB832L,OPB842L)
(OPB837L,OPB847L)
(OPB832W,OPB842W)
(OPB837W,OPB847W)
-
-
0.6
V
IC = 1800 µA, IF = 20 mA
On-State Collector Current
Parameter A (OPB830L,OPB840L)
(OPB835L, OPB845L)
(OPB830W,OPB840W)
(OPB835W, OPB845W)
0.625
-
-
mA
VCE = 10 V, IF = 20 mA
Parameter B (OPB831L,OPB841L)
(OPB836L,OPB846L)
(OPB831W,OPB841W)
(OPB836W,OPB846W)
1.250
-
-
mA
VCE = 5 V, IF = 10 mA
Parameter C (OPB832L,OPB842L)
(OPB837L,OPB847L)
(OPB832W,OPB842W)
(OPB837W,OPB847W)
2.250
-
-
mA
VCE = .6 V, IF = 20 mA
IC(ON)


Similar Part No. - OPB845L

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB845L OPTEK-OPB845L Datasheet
386Kb / 4P
   SLOTTED OPTICAL SWITCHES
logo
List of Unclassifed Man...
OPB845L ETC-OPB845L Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
OPB845L ETC2-OPB845L Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
More results

Similar Description - OPB845L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com