Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV1-2415D10A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RV1-2415D10A1
Description  10 Watt regulated single & dual output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RV1-2415D10A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RV1-2415D10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RV1-2415D10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RV1-2415D10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RV1-2415D10A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RV1-S10/D10
10 Watt regulated
single & dual output
DERATING CURVE
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RV1-1203S10A
1
9-18
30 / 705
3.3
2000
78
2200
RV1-1205S10A
1
9-18
30 / 1016
5
2000
82
2200
RV1-1207S10A
1
9-18
30 / 1004
7.2
1388
83
1000
RV1-1209S10A
1
9-18
30 / 1004
9
1111
83
1000
RV1-1212S10A
1
9-18
30 / 992
12
833
84
680
RV1-1215S10A
1
9-18
30 / 992
15
666
84
470
RV1-1218S10A
1
9-18
30 / 980
18
555
85
470
RV1-1224S10A
1
9-18
30 / 980
24
416
85
330
RV1-1203D10A
1
9-18
30 / 1068
±3.3
±1000
78
±1000
RV1-1205D10A
1
9-18
30 / 1016
±5
±1000
82
±1000
RV1-1207D10A
1
9-18
30 / 1004
±7.2
±694
83
±680
RV1-1209D10A
1
9-18
30 / 992
±9
±555
84
±470
RV1-1212D10A
1
9-18
30 / 992
±12
±416
84
±470
RV1-1215D10A
1
9-18
30 / 980
±15
±333
85
±330
RV1-1218D10A
1
9-18
30 / 980
±18
±277
85
±220
RV1-1224D10A
1
9-18
30 / 980
±24
±208
85
±220
RV1-2403S10A
1
18-36
25 / 352
3.3
2000
78
2200
RV1-2405S10A
1
18-36
25 / 508
5
2000
82
2200
RV1-2407S10A
1
18-36
25 / 502
7.2
1388
83
1000
RV1-2409S10A
1
18-36
25 / 496
9
1111
84
1000
RV1-2412S10A
1
18-36
25 / 496
12
833
84
680
RV1-2415S10A
1
18-36
25 / 490
15
666
85
470
RV1-2418S10A
1
18-36
25 / 490
18
555
85
470
RV1-2424S10A
1
18-36
25 / 484
24
416
86
330
RV1-2403D10A
1
18-36
25 / 352
±3.3
±1000
78
±1000
RV1-2405D10A
1
18-36
25 / 508
±5
±1000
82
±1000
RV1-2407D10A
1
18-36
25 / 502
±7.2
±694
83
±680
RV1-2409D10A
1
18-36
25 / 502
±9
±555
83
±470
RV1-2412D10A
1
18-36
25 / 496
±12
±416
84
±470
RV1-2415D10A
1
18-36
25 / 496
±15
±333
84
±330
RV1-2418D10A
1
18-36
25 / 490
±18
±277
85
±220
RV1-2424D10A
1
18-36
25 / 490
±24
±208
85
±220
MODEL SELECTION GUIDE
Page: 2/4
Last update: 12.02.09
NUMBER STRUCTURE
Isolation
1=1.5 kVDC
Power
10=10W
Output
03=3.3V
05=5V
07=7.2V
09=9V
12=12V
15=15V
18=18V
24=24V
Code
internal
RV1 - XX
XX
S
10
A
1
Type
S=Single
D=Dual
Input
12=9-18V
24=18-36V
48=36-72V
Name/Package
RV1=2“x1“


Similar Part No. - RV1-2415D10A1

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RV101K05 SEI-RV101K05 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AC-HE SEI-RV101K05AC-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AD-HE SEI-RV101K05AD-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AS-HE SEI-RV101K05AS-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AV-HE SEI-RV101K05AV-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
More results

Similar Description - RV1-2415D10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com