Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR3-4812D03AX Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RR3-4812D03AX
Description  3 Watt 2:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR3-4812D03AX Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RR3-4812D03AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR3-4812D03AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR3-4812D03AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICAL SPECIFICATIONS
RR3-S03/D03
3 Watt 2:1 regulated
single & dual output
Page: 3/3
Last update: 21.07.09
mail: info@rsg-electronic.de
www.rsg-electronic.de
RSG Electronic Components GmbH
Sprendlinger Landstr. 115
D-63069 Offenbach
Tel. +49 69 984047-0
Fax +49 69 984047-77
EFFICIENCY VS OUTPUT CURRENT 12
12 MODELS
EFFICIENCY VS OUTPUT CURRENT 24
24 MODELS
EFFICIENCY VS OUTPUT CURRENT 48
48 MODELS
RR3-XXXXX03A1
RSG
24 Pin DIL package
Nickel coated copper
All dimensions are typical in millimeters (inches).
1) Pin diameter: 1.0 ± 0.05 (0.02 ± 0.002)
2) Pin pitch tolerance: ± 0.35 (± 0.014)
3) Case tolerance: ± 0.5 (± 0.02)
MECHANICAL SPECIFICATIONS
24 Pin DIL package
Plastic Case
(optional)
PIN Nr.
1
2
3
9
10
11
12
13
14
15
16
22
23
24
DUAL
+V Input
-V Output
Common
N.P.
Common
+V Output
-V Input
-V Input
+V Output
Common
N.P.
Common
-V Output
+V Input
SINGLE
+V Input
N.C.
N.C.
N.P.
-V Output
+V Output
-V Input
-V Input
+V Output
-V Output
N.P.
N.C.
N.C.
+V Input
DUAL-3
N.P.
-V Input
-V Input
Common
N.P.
-V Output
N.P.
N.P.
+V Output
N.P.
Common
+V Input
+V Input
N.P.
SINGLE-3
N.P.
-V Input
-V Input
N.P.
N.P.
N.C.
N.P.
N.P.
+V Output
N.P.
-V Output
+V Input
+V Input
N.P.
PIN CONNECTIONS
RR3-XXXXX03A1P
RSG
All dimensions are typical in millimeters (inches).
1) Pin diameter: 1.0 ± 0.05 (0.02 ± 0.002)
2) Pin pitch tolerance: ± 0.35 (± 0.014)
3) Case tolerance: ± 0.5 (± 0.02)


Similar Part No. - RR3-4812D03AX

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
RR30P11B04 PRODUCTWELL-RR30P11B04 Datasheet
111Kb / 1P
   ROSITION ROUTE SWITCHES
logo
E-SWITCH
RR3112ABLKBLKNAF0 E-SWITCH-RR3112ABLKBLKNAF0 Datasheet
200Kb / 1P
   E-SWITCH RR3112ABLKBLKNAF0
RR3130ABLKBLKFS E-SWITCH-RR3130ABLKBLKFS Datasheet
54Kb / 1P
   E-SWITCH RR3130ABLKBLKFS
RR3402C05 E-SWITCH-RR3402C05 Datasheet
56Kb / 1P
   E-SWITCH RR3402C05
logo
List of Unclassifed Man...
RR3B-U ETC2-RR3B-U Datasheet
159Kb / 4P
   RR Series ??General Purpose Power Relays
More results

Similar Description - RR3-4812D03AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com