Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR7-4809S06AX Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RR7-4809S06AX
Description  6 Watt 4:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR7-4809S06AX Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RR7-4809S06AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR7-4809S06AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR7-4809S06AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS (4)
1) Typical value at nominal input voltage and full load.
2) Tested by nominal Vin and constant resistor load.
3) Measured input reflected ripple current with a simulated
source inductance of 12uH.
4) Exceeding the absolute ratings of the unit could cause
damage. It is not allowed for continuous operating.
5) It´s recommended to add C1 (68 F), C2 (33 F), L (12 H) in
input end to achieve EN55022 conducted Class A.
The models listed are just for standard type. If you need a special
specification product, please contact our service.
Phone: +49 69 984047-0, mail to: info@rsg-electronic.de or use the forms
on www.rsg-electronic.de („Kontakt“).
Voltage accuracy
± 1%
Line regulation
± 0.5%
Load regulation
± 0.5%
(Output 3.3V / ±3.3V Model)
± 1.5%
Ripple & Noise (20 MHz bandwith) (1)
60 mV pk-pk
Short circuit protection
Indefinite (automatic recovery)
Temperature coefficient
± 0.02%/°C
Capacitor load (2)
See table
Voltage range
See table
Max. input current
See table
No-load input current
See table
Input filter
PI Type
Input reflected ripple current (3)
35 mA pk-pk
INPUT SPECIFICATIONS
Efficiency (typ.)
See table
I/O isolation voltage (3 sec.) Input/Output 1500 ~ 3500 VDC
Metal case / input & output
1000 VDC
I/O isolation capacitance
500 pF typ.
I/O isolation resistance
1000 M Ohm
Switching frequency
typ. 266 kHz
Humidity
95% rel. H
Reliability calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs.
Safety standard (designed to meet)
IEC 60950-1: 2001
GENERAL SPECIFICATIONS
Case material
Nickel-coated copper
Non-conductive black plastic
(UL94V-0 rated)
Base material
Non-conductive black plastic
(UL94V-0 rated)
Pin material
Ø 0.5 mm brass solder-coated
Potting material
Epoxy (UL94V-0 rated)
Weight
Metal 17.0 g, Plastic 13.5 g
Dimensions
1.25“ x 0.8“ x 0.4“
PHYSICAL SPECIFICATIONS
Operating temperature (See derating curve)
-40°C~ 85°C
Maximum case temperature
100°C
Storage temperature
-40°C~125°C
Cooling
Nature convection
ENVIRONMENT SPECIFICATIONS
NOTE
These are stress ratings. Exposure of devices to any of these
conditions may adversely affect long-term reliability.
Input voltage (100 mS)
24 modes
-0.7 ~ 40 VDC
48 modes
-0.7 ~ 80 VDC
Lead soldering temperature
260°C
(1.5 mm from case 10 sec.)
All specifications typical at Ta = 25°C, nominal input voltage and full load
unless otherwise specified.
The information and specifications contained in this data sheet are believed
to be correct at time of publication. However, we accept no responsibility
for consequences arising from printing errors or inaccuracies.
Subject to change without notice.
Page: 1/3
Last update: 18.02.10
EMC SPECIFICATIONS
Radiated Emissions
EN55022
Class A
Conducted Emissions (4)
EN55022
Class A
ESD
IEC61000-4-2
Perf. crit. B
RS
IEC61000-4-3
Perf. crit. A
EFT
IEC61000-4-4
Perf. crit. B
CS
IEC61000-4-6
Perf. crit. A
PFMF
IEC61000-4-8
Perf. crit. A
OUTPUT SPECIFICATIONS
RR7-S06/D06
6 Watt 4:1 regulated
single & dual output
DIP24, wide 4:1 input range
Full SMD technology
1500 VDC isolation up to 3500 VDC isolation
Continuous short circuit protection
Efficiency up to 84%
-40°C~85°C operation temperature range
Optional Plastic case
EMI complies with EN55022 Class A


Similar Part No. - RR7-4809S06AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-4809S06A1 RSG-RR7-4809S06A1 Datasheet
750Kb / 4P
   DC/DC-Converter
RR7-4809S06A3 RSG-RR7-4809S06A3 Datasheet
750Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR7-4809S06AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com