Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA690IDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVR
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA690IDBVR Datasheet HTML 2Page - Texas Instruments OPA690IDBVR Datasheet HTML 3Page - Texas Instruments OPA690IDBVR Datasheet HTML 4Page - Texas Instruments OPA690IDBVR Datasheet HTML 5Page - Texas Instruments OPA690IDBVR Datasheet HTML 6Page - Texas Instruments OPA690IDBVR Datasheet HTML 7Page - Texas Instruments OPA690IDBVR Datasheet HTML 8Page - Texas Instruments OPA690IDBVR Datasheet HTML 9Page - Texas Instruments OPA690IDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
OPA690
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +5V (continued)
Boldface limits are tested at +25°C.
At RF = 402Ω, RL = 100Ω, and G = +2 (see Figure 37 for ac performance only), unless otherwise noted.
OPA690ID, IDBV
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C
(2)
+70°C
(3)
+85°C
(3)
UNIT
MAX
LEVELS
(1)
OUTPUT
Most Positive Output Voltage
No Load
4
3.8
3.6
3.5
V
min
A
RL = 100Ω to 2.5V
3.9
3.7
3.5
3.4
V
min
A
Least Positive Output Voltage
No Load
1
1.2
1.4
1.5
V
min
A
RL = 100Ω to 2.5V
1.1
1.3
1.5
1.7
V
max
A
Current Output, Sourcing
+160
+120
+100
+80
mA
max
A
Current Output, Sinking
–160
–120
–100
–80
mA
min
A
Short-Circuit Current
±250
mA
typ
C
Closed-Loop Output Impedance
G = +2, f =100kHz
0.04
typ
C
DISABLE (Disabled LOW)
Power-Down Supply Current (+VS)
VDIS = 0V
–100
–200
–240
–260
µA
max
A
Off Isolation
G = +2, 5MHz
65
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn-On Glitch
G = +2, RL = 150Ω, VIN = VS/2
±50
mV
typ
C
Turn-Off Glitch
G = +2, RL = 150Ω, VIN = VS/2
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input BIas Current (VDIS)
VDIS = 0V
75
130
150
160
µA
typ
C
POWER SUPPLY
Specified Single-Supply Operating Voltage
5
V
typ
C
Maximum Single-Supply Operating Voltage
12
12
12
V
max
B
Maximum Quiescent Current
VS = ±5V
4.9
5.44
5.72
6.02
mA
max
A
Minimum Quiescent Current
VS = ±5V
4.9
4.48
4.0
3.86
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
72
dB
typ
C
THERMAL CHARACTERISTICS
Specification: D, DBV
–40 to +85
°C
typ
C
Thermal Resistance, qJA
Junction-to-Ambient
xx x D xxxx x SO-8
125
°C/W
typ
C
xx x DBV xxx SOT23-6
150
°C/W
typ
C
6
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA690


Similar Part No. - OPA690IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690IDBVR TI-OPA690IDBVR Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVRG4 TI-OPA690IDBVRG4 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA690IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com