Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR4-4812S10A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR4-4812S10A1
Description  10 Watt 2:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-4812S10A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR4-4812S10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-4812S10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-4812S10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RR4-S10/D10
10 Watt 2:1 regulated
single & dual output
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RR4-1202S10A1
9-18
10 / 791
2.5
3000
81
2200
RR4-1203S10A1
9-18
10 / 1006
3.3
3000
84
2200
RR4-1205S10A1
9-18
10 / 992
5
2000
86
2200
RR4-1212S10A1
9-18
10 / 980
12
833
87
820
RR4-1215S10A1
9-18
10 / 958
15
667
89
470
RR4-1212D10A1
9-18
10 / 980
±12
±416
87
±220
RR4-1215D10A1
9-18
10 / 969
±15
±333
88
±150
RR4-2402S10A1
18-36
10 / 381
2.5
3000
84
2200
RR4-2403S10A1
18-36
10 / 497
3.3
3000
85
2200
RR4-2405S10A1
18-36
10 / 479
5
2000
89
2200
RR4-2412S10A1
18-36
10 / 485
12
833
88
820
RR4-2415S10A1
18-36
10 / 485
15
667
88
470
RR4-2412D10A1
18-36
10 / 485
±12
±416
88
±220
RR4-2415D10A1
18-36
10 / 474
±15
±333
90
±150
RR4-4802S10A1
36-75
10 / 191
2.5
3000
84
2200
RR4-4803S10A1
36-75
10 / 249
3.3
3000
85
2200
RR4-4805S10A1
36-75
10 / 242
5
2000
88
2200
RR4-4812S10A1
36-75
10 / 245
12
833
87
820
RR4-4815S10A1
36-75
10 / 242
15
667
88
470
RR4-4812D10A1
36-75
10 / 245
±12
±416
87
±220
RR4-4815D10A1
36-75
10 / 245
±15
±333
87
±150
MODEL SELECTION GUIDE
Page: 2/3
Last update: 12.02.09
NUMBER STRUCTURE
Isolation
1=1.5 kVDC
Power
10=10W
Output
02=2.5V
03=3.3V
05=5V
12=12V
15=15V
Code
internal
RR4
-
XX
XX
S
10
A
1
Type
S=Single
D=Dual
Input
12=9~18V
24=18~36V
48=36~75V
Name/Package
RR4=DIL24
1) Operation between no-load and 10% conditions will not
damage these devices. However they may not meet all
listed specifications.
2) One load is 25% to 100%, the other load is 100%. The
output voltage variable rate is within ±5%.
3) Measured with 20MHz bandwith and 0.1uF ceramic
capacitor.
4) Tested by nominal Vin and constant resistive load.
5) Tested by normal Vin and 25% load step change (75%-
50%-25% of Io).
6) Measured input reflected ripple current with a simulated
source inductance of 12uH.
7) Exceeding the absolute ratings of the unit could cause
damage. It is not allowed for continuous operating.
8) Input filter components (C1, L) are used to help meeting
the conducted emissions requirements for the module.
These components should be mounted as close as possible
to the module and all leads should b minimized to decrease
radiated noise.
NOTE
RR4-12XXX10A1
RR4-24XXX10A1
RR4-48XXX10A1
9) An external filter capacitor is required if the module has
to meet EN61000-4-5.
DERATING CURVE


Similar Part No. - RR4-4812S10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-4812S10A1 RSG-RR4-4812S10A1 Datasheet
636Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR4-4812S10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
logo
RSG Electronic Componen...
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com