Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA2690
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2690 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 7Page - Texas Instruments OPA2690 Datasheet HTML 8Page - Texas Instruments OPA2690 Datasheet HTML 9Page - Texas Instruments OPA2690 Datasheet HTML 10Page - Texas Instruments OPA2690 Datasheet HTML 11Page - Texas Instruments OPA2690 Datasheet HTML 12Page - Texas Instruments OPA2690 Datasheet HTML 13Page - Texas Instruments OPA2690 Datasheet HTML 14Page - Texas Instruments OPA2690 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
5
4
3
2
1
0
1
2
3
4
5
-
-
-
-
-
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
Time(10ns/div)
InputVoltage
OutputVoltage
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
NONINVERTING
OVERDRIVE RECOVERY
Figure 25.
Copyright © 2001–2010, Texas Instruments Incorporated
11
Product Folder Link(s): OPA690


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn