Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA2690
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2690 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 3Page - Texas Instruments OPA2690 Datasheet HTML 4Page - Texas Instruments OPA2690 Datasheet HTML 5Page - Texas Instruments OPA2690 Datasheet HTML 6Page - Texas Instruments OPA2690 Datasheet HTML 7Page - Texas Instruments OPA2690 Datasheet HTML 8Page - Texas Instruments OPA2690 Datasheet HTML 9Page - Texas Instruments OPA2690 Datasheet HTML 10Page - Texas Instruments OPA2690 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
10
0.5
1
100
500
Frequency(MHz)
9
6
3
0
-3
-6
V =4V
O
PP
V =7V
O
PP
V =2V
O
PP
V =1V
O
PP
Frequency(MHz)
0.7
10
100
700
6
3
0
-3
-6
-9
-12
-15
V =0.5V
O
PP
G=+1
R =25W
F
G=2
G=5
G=10
1
Time(5ns/div)
400
300
200
100
0
-
100
-
200
-
300
-
400
G=+2
V =0.5V
O
PP
Time(5ns/div)
4
3
2
1
0
-
1
-
2
-
3
-
4
G=+2
V =5V
O
PP
Numberof150
Loads
W
1
2
3
4
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0
dG
dG
dP
dP
NoPull-Down
With1.3k
Pull-Down
W
OPA690
402W
-5V
+5V
75W
VideoIn
402W
Optional
1.3kW
Pull-Down
Frequency(Hz)
-
45
-
50
-
55
-
60
-
65
-
70
-
75
-
80
-
85
-
90
-
95
-
100
Forward
Reverse
V
=0
DIS
100k
1M
10M
100M
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
SMALL
−SIGNAL
LARGE
−SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
SMALL-SIGNAL
LARGE-SIGNAL
PULSE RESPONSE
PULSE RESPONSE
Figure 3.
Figure 4.
COMPOSITE VIDEO
DISABLE FEEDTHROUGH
dG/dP
vs FREQUENCY
Figure 5.
Figure 6.
Copyright © 2001–2010, Texas Instruments Incorporated
7
Product Folder Link(s): OPA690


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn