Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL06-48S24 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # PDL06-48S24
Description  SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL06-48S24 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  PDL06-48S24 Datasheet HTML 1Page - RSG Electronic Components GmbH PDL06-48S24 Datasheet HTML 2Page - RSG Electronic Components GmbH PDL06-48S24 Datasheet HTML 3Page - RSG Electronic Components GmbH PDL06-48S24 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PDL06
Page 3 of 4
www.pduke.com
2013/04/19
MECHANICAL DRAWING
Standard plastic case
*NC pin for standard.
**NO pin for 3KV isolation. (P/N suffix ”H”)
1. All dimensions in Inch (mm)
Tolerance: X.XX
±0.02 (X.X±0.5)
X.XXX
±0.01 (X.XX±0.25)
2. Pin pitch tolerance
±0.01(0.25)
3. Pin dimension tolerance
±0.004 (0.1)
PIN CONNECTION
PIN
SINGLE
DUAL
1
-INPUT
-INPUT
2
+INPUT
+INPUT
3
CTRL
CTRL
5
NC*/NO PIN**
NC*/NO PIN**
6
+OUTPUT
+OUTPUT
7
-OUTPUT
COMMON
8
NC
-OUTPUT
Option suffix “M” metal case
1. All dimensions in Inch (mm)
Tolerance: X.XX
±0.02 (X.X±0.5)
X.XXX
±0.01 (X.XX±0.25)
2. Pin pitch tolerance
±0.01(0.25)
3. Pin dimension tolerance
±0.004 (0.1)
PIN CONNECTION
PIN
SINGLE
DUAL
1
-INPUT
-INPUT
2
+INPUT
+INPUT
3
CTRL
CTRL
5
NC
NC
6
+OUTPUT
+OUTPUT
7
-OUTPUT
COMMON
8
NC
-OUTPUT
9
CASE
CASE
10
STAND OFF
STAND OFF
11
STAND OFF
STAND OFF
12
CASE
CASE


Similar Part No. - PDL06-48S24

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL06-48S24 P-DUKE-PDL06-48S24 Datasheet
466Kb / 4P
   DC-DC CONVERTER
PDL06-48S24 P-DUKE-PDL06-48S24 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
logo
RSG Electronic Componen...
PDL06-48S24W RSG-PDL06-48S24W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
logo
Power Mate Technology C...
PDL06-48S24W P-DUKE-PDL06-48S24W Datasheet
461Kb / 4P
   DC-DC CONVERTER
PDL06-48S24W P-DUKE-PDL06-48S24W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results

Similar Description - PDL06-48S24

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17504 MAXIM-MAXM17504 Datasheet
1Mb / 19P
   Small Profile 9mm x 15mm x 2.8mm SiP Package
Rev 1; 4/15
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
   SIP package
logo
DB Lectro Inc
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
   Micro SIP package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
logo
DB Lectro Inc
101E-1A DBLECTRO-101E-1A Datasheet
850Kb / 2P
   Micro SIP package
logo
Emerson Network Power
NFS40SERIES EMERSON-NETWORKPOWER-NFS40SERIES Datasheet
1Mb / 4P
   5.0 x 3.0 x 1.2 inch package
logo
MORNSUN Science& Techno...
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Total Power Internation...
MAW01 TOTAL-POWER-MAW01 Datasheet
379Kb / 4P
   Compact SIP-6 Package
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com