Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR4-4803S08A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR4-4803S08A1
Description  8 Watt 2:1 regulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-4803S08A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR4-4803S08A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-4803S08A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-4803S08A1 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RR4-S08/D08
8 Watt 2:1 regulated
single & dual output
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RR4-1203S08A1
9-18
20 / 687
3.3
2000
80
3300
RR4-1205S08A1
9-18
20 / 762
5
1500
82
2200
RR4-1212S08A1
9-18
20 / 784
12
665
85
470
RR4-1215S08A1
9-18
20 / 803
15
535
83
220
RR4-1205D08A1
9-18
20 / 813
±5
±800
82
±1000
RR4-1212D08A1
9-18
20 / 794
±12
±335
84
±220
RR4-1215D08A1
9-18
20 / 794
±15
±265
84
±100
RR4-2403S08A1
18-36
15 / 344
3.3
2000
80
3300
RR4-2405S08A1
18-36
15 / 381
5
1500
82
2200
RR4-2412S08A1
18-36
15 / 392
12
665
85
470
RR4-2415S08A1
18-36
15 / 397
15
535
84
220
RR4-2405D08A1
18-36
15 / 407
±5
±800
82
±1000
RR4-2412D08A1
18-36
15 / 402
±12
±335
83
±220
RR4-2415D08A1
18-36
15 / 392
±15
±265
85
±100
RR4-4803S08A1
36-72
15 / 172
3.3
2000
80
3300
RR4-4805S08A1
36-72
15 / 191
5
1500
82
2200
RR4-4812S08A1
36-72
15 / 198
12
665
84
470
RR4-4815S08A1
36-72
15 / 198
15
535
84
220
RR4-4805D08A1
36-72
15 / 203
±5
±800
82
±1000
RR4-4812D08A1
36-72
15 / 196
±12
±335
85
±220
RR4-4815D08A1
36-72
15 / 196
±15
±265
85
±100
MODEL SELECTION GUIDE
Page: 2/3
Last update: 12.02.09
NUMBER STRUCTURE
Isolation
1=1.5 kVDC
Power
08=8W
Output
03=3.3V
05=5V
12=12V
15=15V
Code
internal
RR4
-
XX
XX
S
08
A
1
Type
S=Single
D=Dual
Input
12=9~18V
24=18~36V
48=36~72V
Name/Package
RR4=DIL24
DERATING CURVE
NOTE
RR4-12XXX08A1
RR4-24XXX08A1
RR4-48XXX08A1
1) One load is 25% to 100%, the other load is 100%. The
output voltage variable rate is within ±5%.
2) Typical value at nominal input voltage and full load.
3) Tested by nominal Vin and constant resistive load.
4) Measured input reflected ripple current with a simulated
source inductance of 12uH.
5) Operation under no-load or under 10% conditions will
not damage these devices. However they may not meet all
listed specifications.
6) For some models it’s necesarry to add a minimum
capacitor at the output. Please check single model
datasheet for detail value.
7) Input filter components (C1, C2, L) are used to help
meeting the conducted emissions requirements for the
module. These components should be mounted as close as
possible to the module and all leads should b minimized to
decrease radiated noise.
8) An external filter capacitor is required if the module has
to meet EN61000-4-4 and EN61000-4-5.
9) Exceeding the absolute ratings of the unit could cause
damage. It is not allowed for continuous operating.


Similar Part No. - RR4-4803S08A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-4803S08A1 RSG-RR4-4803S08A1 Datasheet
612Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR4-4803S08A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR6-S03-D03 RSG-RR6-S03-D03 Datasheet
143Kb / 3P
   3.0 Watt 4:1 regulated
logo
Murata Power Solutions ...
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com