Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL03-48D12 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # PDL03-48D12
Description  3 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL03-48D12 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  PDL03-48D12 Datasheet HTML 1Page - RSG Electronic Components GmbH PDL03-48D12 Datasheet HTML 2Page - RSG Electronic Components GmbH PDL03-48D12 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.pduke.com
2013/5/3
PDL03 SERIES
3 WATTS
DC-DC CONVERTER
MECHANICAL DRAWING
PIN CONNECTION
PIN
SINGLE
DUAL
1
-INPUT
-INPUT
2
+INPUT
+INPUT
3
CTRL
CTRL
5
NC*/No Pin**
NC*/No Pin**
6
+OUTPUT
+OUTPUT
7
-OUTPUT
COMMON
8
NC
-OUTPUT
*NC pin for standard.
**No pin for 3kV isolation. (P/N suffix ”H”)
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01 (0.25)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - PDL03-48D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-48D12 P-DUKE-PDL03-48D12 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-48D12 P-DUKE-PDL03-48D12 Datasheet
335Kb / 4P
   DC-DC CONVERTER
PDL03-48D12 P-DUKE-PDL03-48D12 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03-48D12W P-DUKE-PDL03-48D12W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-48D12W RSG-PDL03-48D12W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PDL03-48D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
   3 WATTS DC-DC CONVERTER
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 RSG-PMKC03 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com