Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5-0503R30A1 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RS5-0503R30A1
Description  3.0 Watt 2:1 regulated single & dual output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-0503R30A1 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RS5-0503R30A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-0503R30A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-0503R30A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-0503R30A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MECHANICAL SPECIFICATIONS
Page: 4/4
Last update: 30.01.09
mail: info@rsg-electronic.de
www.rsg-electronic.de
RSG Electronic Components GmbH
Sprendlinger Landstr. 115
D-63069 Offenbach
Tel. +49 69 984047-0
Fax +49 69 984047-77
RSG
RS5-XXXXX30A1
8 Pin SIL package
Non-conductive
Plastic
RS5-R30/RD30
3.0 Watt 2:1 regulated
single & dual output
8 Pin SIL package
Nickel coated
copper
MECHANICAL SPECIFICATIONS
All dimensions are typical
in millimeters (inches).
1) Pin diameter:
1.0 ± 0.05 (0.04 ± 0.002)
2) Pin pitch tolerance:
± 0.35 (± 0.014)
3) Case tolerance:
± 0.5 (± 0.02)
RSG
RS5-XXXXX30A1
PIN NUMBER
1
2
3
5
6
7
8
DUAL +C
-V Input
+V Input
Remote ON/OFF
N.C.
+V Output
Common
-V Output
SINGLE +C
-V Input
+V Input
Remote ON/OFF
N.C.
+V Output
-V Output
N.C.
PIN CONNECTIONS +C MODELS
PIN NUMBER
1
2
3
5
6
7
8
DUAL
-V Input
+V Input
N.C.
N.C.
+V Output
Common
-V Output
SINGLE
-V Input
+V Input
N.P.
N.P.
+V Output
-V Output
N.C.
PIN CONNECTIONS


Similar Part No. - RS5-0503R30A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS5-0503R30A1 RSG-RS5-0503R30A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RS5-0503R30A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RS6-R30 RSG-RS6-R30 Datasheet
112Kb / 3P
   3.0 Watt regulated single output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com