Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFKC05-48S15 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PFKC05-48S15
Description  5 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PFKC05-48S15 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PFKC05-48S15 Datasheet HTML 1Page - RSG Electronic Components GmbH PFKC05-48S15 Datasheet HTML 2Page - RSG Electronic Components GmbH PFKC05-48S15 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
PFKC05 SERIES
5 WATTS
DC-DC CONVERTER
OUTPUT SPECIFICATIONS
Output power
5 Watts, max.
Voltage accuracy
± 1%
Minimum load (Note 7)
See table
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
Min. Load to Full Load
Single
Dual
± 0.5%
± 2%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time 25% load step change
500µs
Over load protection
% of FL at nominal input
180%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Standard
Suffix “ H ”
1600VDC, min. 1minute
3000VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
100kHz, min.
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
14g (0.48oz)
15g (0.52oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.731 x 10
6
hrs
2.591 x 10
6
hrs
INPUT SPECIFICATIONS
Input voltage range
12VDC nominal input
24VDC nominal input
48VDC nominal input
9 ~ 18VDC
18 ~ 36VDC
36 ~75VDC
Input filter
Pi type
Input surge voltage
12VDC input
24VDC input
48VDC input
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple current
150mAp-p
Start up time
Nominal input and
constant resistive load
Power up
30ms
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +71ºC(non derating)
Storage temperature range
-55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 6)
EN61000-4-4
± 2kV Perf. Criteria B
Surge (Note 6)
EN61000-4-5
± 1kV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
5 WATTS REGULATED OUTPUT POWER
OUTPUT CURRENT UP TO 1000mA
STANDARD 1.25 X 0.80 X 0.40 INCH
HIGH EFFICIENCY UP TO 81%
2:1 WIDE INPUT VOLTAGE RANGE
SWITCHING FREQUENCY (100kHz, MIN)
OVER CURRENT PROTECTION
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
SMD TYPE
DESCRIPTION
The PFKC05 series offer 5 watts of output power from a package in an IC
compatible 24pin DIP configuration without derating to 71ºC ambient
temperature and pin to pin compatible with PFKC03, FKC03, FKC05
series. PFKC05 series have 2:1 wide input voltage of 9 ~18, 18 ~36 and
36 ~75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - PFKC05-48S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC05-48S15 ETC1-PFKC05-48S15 Datasheet
97Kb / 2P
   5 WATTS REGULATED OUTPUT POWER / STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
logo
Power Mate Technology C...
PFKC05-48S15 P-DUKE-PFKC05-48S15 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
PFKC05-48S15 P-DUKE-PFKC05-48S15 Datasheet
1Mb / 3P
   5 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC05-48S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com