Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC08-48S33 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # FKC08-48S33
Description  8 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

FKC08-48S33 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  FKC08-48S33 Datasheet HTML 1Page - RSG Electronic Components GmbH FKC08-48S33 Datasheet HTML 2Page - RSG Electronic Components GmbH FKC08-48S33 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/6/4
FKC08 SERIES
8 WATTS
DC-DC CONVERTER
OUTPUT SPECIFICATIONS
Output power
8 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No Load to Full Load
Single (DIP)
Single (SMD)
Dual (SMD,DIP)
± 0.5%
± 1%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time 25% load step change
200µs
Over load protection
% of FL at nominal input
150%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case
DIP
SMD
1600VDC, min. 1minute
1600VDC, min. 1minute
1000VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
300kHz±10%.
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.053 x 10
6 hrs
1.213 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
12VDC nominal input
24VDC nominal input
48VDC nominal input
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
Input filter
Pi type
Input surge voltage
12VDC input
24VDC input
48VDC input
36VDC 100ms,max.
50VDC 100ms,max.
100VDC 100ms,max.
Input reflected ripple current
20mAp-p
Start up time
Nominal input and
constant resistive load
Power up
700ms
Remote ON/OFF (Note 5)
(Positive logic)
DC-DC ON
DC-DC OFF
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Input current of remote control pin Nominal input
-0.5mA ~ 0.5mA
Remote off state input current
Nominal input
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +125ºC
Thermal impedance
Nature convection
20ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 6)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 7) EN61000-4-4
± 2kV
Perf. Criteria A
Surge (Note 7)
EN61000-4-5
± 1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
8 WATTS OUTPUT POWER
OUTPUT CURRENT UP TO 2A
STANDARD 1.25 X 0.80 X 0.40 INCH
HIGH EFFICIENCY UP TO 88%
2:1 WIDE INPUT VOLTAGE RANGE
FIVE-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY (300kHz)
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
SMD TYPE
DESCRIPTION
The FKC08 series offer 8 watts of output power from a package in an IC
compatible 24pin DIP configuration. FKC08 series have 2:1 wide input voltage of
9-18, 18-36 and 36-75VDC. The FKC08 have features 1600VDC of isolation, short
circuit protection and as well as five sided shielding.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FKC08-48S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC08-48S33 ETC-FKC08-48S33 Datasheet
115Kb / 2P
   8 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FKC08-48S33 P-DUKE-FKC08-48S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
FKC08-48S33 P-DUKE-FKC08-48S33 Datasheet
508Kb / 3P
   2:1 WIDE INPUT RANGE UP TO 8 Watts
More results

Similar Description - FKC08-48S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
FKC08-12S33 P-DUKE-FKC08-12S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FDC10-12S33 P-DUKE-FDC10-12S33 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com