Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD10 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # LCD10
Description  LCD10
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LCD10 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  LCD10 Datasheet HTML 1Page - RSG Electronic Components GmbH LCD10 Datasheet HTML 2Page - RSG Electronic Components GmbH LCD10 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.pduke.com
2013/6/7
LCD10 SERIES
10 WATTS
DC-DC CONVERTER
MECHANICAL DRAWING
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
CTRL
CTRL
4
+OUTPUT
+OUTPUT
5
TRIM
COMMON
6
-OUTPUT
-OUTPUT
PRODUCT STANDARD TABLE
Option
Suffix
Negative logic remote ON/OFF(Standard)
Positive logic remote ON/OFF
-A
Without CTRL pin
-B
Negative logic remote ON/OFF without TRIM pin
-C
Without CTRL &TRIM pin
-D
Positive logic remote ON/OFF without TRIM pin
-E
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01 (0.25)
3. Pin dimension tolerance ±0.004 (0.1)
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using
the method shown below.
6
5
TRIM UP
RU
5
4
TRIM DOWN
RD


Similar Part No. - LCD10

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCD10-10-AH-L PANDUIT-LCD10-10-AH-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCD10-10A-L PANDUIT-LCD10-10A-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCD10-10A-L PANDUIT-LCD10-10A-L Datasheet
90Kb / 2P
   Code Conductor, Two-Hole, Standard Barrel with Window Lug
LCD10-10AF-L PANDUIT-LCD10-10AF-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
logo
Power Mate Technology C...
LCD10-12D05 P-DUKE-LCD10-12D05 Datasheet
450Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com