Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC03-12S05 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # FKC03-12S05
Description  3 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

FKC03-12S05 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  FKC03-12S05 Datasheet HTML 1Page - RSG Electronic Components GmbH FKC03-12S05 Datasheet HTML 2Page - RSG Electronic Components GmbH FKC03-12S05 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
FKC03 SERIES
3 WATTS
DC-DC CONVERTER
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No Load to Full Load
Single
± 0.2%
Dual
± 1%
Cross regulation(Dual)
Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time 25% load step change
200µs
Over load protection
% of FL at nominal input
180%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case
DIP
SMD
1600VDC, min. 1minute
1600VDC, min. 1minute
1000VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
300kHz, ±10%
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.155 x 10
6 hrs
2.597 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
12VDC nominal input
24VDC nominal input
48VDC nominal input
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
Input filter
Pi type
Input surge voltage
12VDC input
24VDC input
48VDC input
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple current
20mAp-p
Start up time
Nominal input and
constant resistive load
Power up
350ms, max.
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
Standard
M1 (Note 6)
-25ºC~+85ºC (with derating)
-40ºC~+85ºC (non-derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +125ºC
Thermal impedance
Natural convection
20ºC/watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 7) EN61000-4-4
± 2kV
Perf. Criteria B
Surge (Note 7)
EN61000-4-5
± 1kV
Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
3 WATTS REGULATED OUTPUT POWER
OUTPUT CURRENT UP TO 500mA
STANDARD 1.25 X 0.80 X 0.40 INCH
HIGH EFFICIENCY UP TO 82%
2:1 WIDE INPUT VOLTAGE RANGE
FIVE-SIDED SHIELD
FIXED SWITCHING FREQUENCY (300kHz)
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
OVER CURRENT PROTECTION
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
SMD TYPE, M1 TYPE
DESCRIPTION
The FKC03 series offer 3 watts of output power from a package in an IC
compatible 24pin DIP configuration without derating to 71ºC ambient
temperature and pin to pin compatible with FKC05 series. FKC03 series
have 2:1 wide input voltage of 9~18VDC, 18~36VDC and 36~75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FKC03-12S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC03-12S05 P-DUKE-FKC03-12S05 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S05 P-DUKE-FKC03-12S05 Datasheet
629Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - FKC03-12S05

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com