Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC03-12S33 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # FKC03-12S33
Description  3 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

FKC03-12S33 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  FKC03-12S33 Datasheet HTML 1Page - RSG Electronic Components GmbH FKC03-12S33 Datasheet HTML 2Page - RSG Electronic Components GmbH FKC03-12S33 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/5/3
FKC03 SERIES
3 WATTS
DC-DC CONVERTER
FKC03-48S05
Efficiency VS Output Load
30
35
40
45
50
55
60
65
70
75
80
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FKC03-12S33
9 ~ 18 VDC
3.3 VDC
0mA
500mA
50mVp-p
10mA
75
2200µF
FKC03-12S05
9 ~ 18 VDC
5 VDC
0mA
500mA
50mVp-p
10mA
76
1000µF
FKC03-12S12
9 ~ 18 VDC
12 VDC
0mA
250mA
50mVp-p
10mA
80
220µF
FKC03-12S15
9 ~ 18 VDC
15 VDC
0mA
200mA
50mVp-p
15mA
81
150µF
FKC03-12D05
9 ~ 18 VDC
± 5 VDC
0mA
± 250mA
50mVp-p
15mA
78
± 470µF
FKC03-12D12
9 ~ 18 VDC
± 12 VDC
0mA
± 125mA
50mVp-p
15mA
80
± 100µF
FKC03-12D15
9 ~ 18 VDC
± 15 VDC
0mA
± 100mA
50mVp-p
20mA
82
± 68µF
FKC03-24S33
18 ~ 36 VDC
3.3 VDC
0mA
500mA
50mVp-p
10mA
72
2200µF
FKC03-24S05
18 ~ 36 VDC
5 VDC
0mA
500mA
50mVp-p
10mA
74
1000µF
FKC03-24S12
18 ~ 36 VDC
12 VDC
0mA
250mA
50mVp-p
15mA
78
220µF
FKC03-24S15
18 ~ 36 VDC
15 VDC
0mA
200mA
50mVp-p
15mA
78
150µF
FKC03-24D05
18 ~ 36 VDC
± 5 VDC
0mA
± 250mA
50mVp-p
15mA
74
± 470µF
FKC03-24D12
18 ~ 36 VDC
± 12 VDC
0mA
± 125mA
50mVp-p
20mA
77
± 100µF
FKC03-24D15
18 ~ 36 VDC
± 15 VDC
0mA
± 100mA
50mVp-p
20mA
77
± 68µF
FKC03-48S33
36 ~ 75 VDC
3.3 VDC
0mA
500mA
50mVp-p
5mA
74
2200µF
FKC03-48S05
36 ~ 75 VDC
5 VDC
0mA
500mA
50mVp-p
10mA
74
1000µF
FKC03-48S12
36 ~ 75 VDC
12 VDC
0mA
250mA
50mVp-p
10mA
79
220µF
FKC03-48S15
36 ~ 75 VDC
15 VDC
0mA
200mA
50mVp-p
10mA
78
150µF
FKC03-48D05
36 ~ 75 VDC
± 5 VDC
0mA
± 250mA
50mVp-p
10mA
73
± 470µF
FKC03-48D12
36 ~ 75 VDC
± 12 VDC
0mA
± 125mA
50mVp-p
10mA
79
± 100µF
FKC03-48D15
36 ~ 75 VDC
± 15 VDC
0mA
± 100mA
50mVp-p
10mA
77
± 68µF
Note
1.
BELLCORE TR-NWT-000332. Case 1
:50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Typical value at nominal input and full load. (20MHz BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
M1 version is more efficiency, therefore, it can be operated in a more extensive temperature range than standard.
7.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF /100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
FKC03-48S05 Derating Curve
0
20
40
60
80
100
120
-40 -25 -10
5
20
35 50
65 80
95 110
AMBIENT TEMPERATURE(
℃)
M1 Version
82.4


Similar Part No. - FKC03-12S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
629Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - FKC03-12S33

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com