Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5175A Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5175A
Description  Zener Diode, 10 Watt 짹5% Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5175A Datasheet(HTML) 1 Page - NTE Electronics

  NTE5175A Datasheet HTML 1Page - NTE Electronics NTE5175A Datasheet HTML 2Page - NTE Electronics NTE5175A Datasheet HTML 3Page - NTE Electronics NTE5175A Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE5174A thru NTE5232A
Zener Diode, 10 Watt
±5% Tolerance
Features:
D Zener Voltage 3.9V to 200V
D DO4 Stud Mount Package
Absolute Maximum Ratings:
Forward Voltage (IF = 2A), VF
1.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Power Dissipation, PD
10W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 50
°C
80mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, Topr
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +30°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
(Note 3)
Maximum
DC Zener
Typical
Maximum
NTE Type
Number
(Note 1)
Zener Voltage
Vz @ Izt
(Note 2)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
1mA (Izk)
Current*
(Izm)
(Note 4)
Temperature
Coefficient
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
mA
%/
°C
µA
Volts
NTE5174A
3.9
640
2.0
400
2380
–.046
100
0.5
NTE5175A
4.3
580
1.5
400
2130
–.033
100
0.5
NTE5176A
4.7
530
1.2
500
1940
–.015
50
1.0
NTE5177A
5.1
490
1.1
550
1780
±.010
10
1.0
NTE5178A
5.6
445
1.0
600
1620
+.030
10
1.0
NTE5179A
6.0
425
1.0
675
1540
+.035
10
1.5
NTE5180A
6.2
405
1.1
750
1460
+.049
10
2.0
NTE5181A
6.8
370
1.2
500
1330
+.040
10
2.0
NTE5182A
7.5
335
1.3
250
1180
.045
100
5.7
NTE5183A
8.2
305
1.5
250
1040
.048
50
6.2
* Stud Temperature = +75
°C


Similar Part No. - NTE5175A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE517 NTE-NTE517 Datasheet
17Kb / 1P
   Silicon High Voltage Plastic Rectifier for Industrial and Microwave Oven
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
More results

Similar Description - NTE5175A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
logo
NTE Electronics
NTE5139A NTE-NTE5139A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com