Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AX101750 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. AX101750
Description  Faceplates and Panels - MediaFlex MDVO Style Insert 2-port, Flush
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

AX101750 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX101750 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101750 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101750 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
Kit of 10 MediaFlex MDVO Module Insert, 2-port, flush, almond
Usage (Overall)
Suitable Applications:
- Compatible with a variety of modules that are suitable for use with Belden
IBDN Systems 10GX, 4800,3600, 2400 and 1200
Related Parts:
- Compatible with 10GX, CAT6+ and CAT5E MDVO-style Modular Jacks and
MDVO Multimedia Modules
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
2 connectors
Access
Front Connection:
Flush
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
0.925
2.050
0.590
Materials
Materials:
Description Material
Inserts
Plastic - UL94V-0
Color
Color:
Almond
Weight
Weight:
0.120 lbs.
Packaging
Packaging:
10 inserts packaged in a suitable plastic bag
Mechanical Characteristics (Connectivity)
Connector/Hardware Retention:
20 lbs.
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Tool Compatibility:
Termination Station (AX101852), Release Tool (AX101185)
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
Yes
Safety Listing:
ACA, Bi-national Standard Listed
Page 1 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101750 Faceplates and Panels - MediaFlex MDVO Style Insert 2-port, Flush


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn