Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTDV20N06 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTDV20N06
Description  Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTDV20N06 Datasheet(HTML) 2 Page - ON Semiconductor

  NTDV20N06 Datasheet HTML 1Page - ON Semiconductor NTDV20N06 Datasheet HTML 2Page - ON Semiconductor NTDV20N06 Datasheet HTML 3Page - ON Semiconductor NTDV20N06 Datasheet HTML 4Page - ON Semiconductor NTDV20N06 Datasheet HTML 5Page - ON Semiconductor NTDV20N06 Datasheet HTML 6Page - ON Semiconductor NTDV20N06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTD20N06, NTDV20N06
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
71.7
79.4
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.91
6.9
4.0
Vdc
mV/°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 10 Vdc, ID = 10 Adc)
RDS(on)
37.5
46
mW
Static Drain−to−Source On−Voltage (Note 3)
(VGS = 10 Vdc, ID = 20 Adc)
(VGS = 10 Vdc, ID = 10 Adc, TJ = 150°C)
VDS(on)
0.78
1.57
1.10
Vdc
Forward Transconductance (Note 3) (VDS = 7.0 Vdc, ID = 6.0 Adc)
gFS
13.2
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
725
1015
pF
Output Capacitance
Coss
213
300
Transfer Capacitance
Crss
58
120
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 20 Adc,
VGS = 10 Vdc,
RG = 9.1 W) (Note 3)
td(on)
9.5
20
ns
Rise Time
tr
60.5
120
Turn−Off Delay Time
td(off)
27.1
60
Fall Time
tf
37.1
80
Gate Charge
(VDS = 48 Vdc, ID = 20 Adc,
VGS = 10 Vdc) (Note 3)
QT
21.2
30
nC
Q1
5.6
Q2
7.3
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
(IS = 20 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
1.0
0.87
1.2
Vdc
Reverse Recovery Time
(IS = 20 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
trr
42.9
ns
ta
33
tb
9.9
Reverse Recovery Stored Charge
QRR
0.084
mC
3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Device
Package
Shipping
NTD20N06T4G
DPAK
(Pb−Free)
2500 / Tape & Reel
NTDV20N06T4G
DPAK
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTDV20N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV20N06 ONSEMI-NTDV20N06 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTDV20N06L ONSEMI-NTDV20N06L Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
NTDV20N06LT4G ONSEMI-NTDV20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTDV20N06LT4G ONSEMI-NTDV20N06LT4G Datasheet
127Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTDV20N06LT4G VBSEMI-NTDV20N06LT4G Datasheet
896Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - NTDV20N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
MTD5P06V ONSEMI-MTD5P06V_03 Datasheet
92Kb / 8P
   Power MOSFET 5 Amps, 60 Volts P?묬hannel DPAK
November, 2003 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com