Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5198A Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE5198A
Description  Zener Diode, 10 Watt 짹5% Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5198A Datasheet(HTML) 2 Page - NTE Electronics

  NTE5198A Datasheet HTML 1Page - NTE Electronics NTE5198A Datasheet HTML 2Page - NTE Electronics NTE5198A Datasheet HTML 3Page - NTE Electronics NTE5198A Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (Cont’d): (TC = +30°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
(Note 3)
Maximum
DC Zener
Typical
Maximum
NTE Type
Number
(Note 1)
Zener Voltage
Vz @ Izt
(Note 2)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
1mA (Izk)
Current*
(Izm)
(Note 4)
Temperature
Coefficient
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
mA
%/
°C
µA
Volts
NTE5184A
8.7
290
1.7
250
1000
.049
37
6.6
NTE5185A
9.1
275
2
250
720
.051
25
6.9
NTE5186A
10
250
3
250
860
.055
25
7.6
NTE5187A
11
230
3
250
780
.060
10
8.4
NTE5188A
12
210
3
250
720
.065
10
9.1
NTE5189A
13
190
3
250
660
.065
10
9.9
NTE5190A
14
180
3
250
600
.070
10
10.5
NTE5191A
15
170
3
250
560
.070
10
11.4
NTE5192A
16
155
4
250
530
.070
10
12.2
NTE5193A
17
145
4
250
500
.075
10
13.0
NTE5194A
18
140
4
250
460
.075
10
13.7
NTE5195A
19
130
4
250
440
.075
10
14.0
NTE5196A
20
125
4
250
420
.075
10
15.2
NTE5197A
22
115
5
250
380
.080
10
16.7
NTE5198A
24
105
5
250
350
.080
10
18.2
NTE5199A
25
100
6
250
310
.080
10
18.2
NTE5200A
27
95
7
250
300
.085
10
20.6
NTE5201A
28
90
7.5
275
290
.085
10
21.7
NTE5202A
30
85
8
300
280
.085
10
22.8
NTE5203A
33
75
9
300
260
.085
10
25.1
NTE5204A
36
70
10
300
230
.085
10
27.4
NTE5205A
39
65
11
300
210
.090
10
29.7
NTE5206A
43
60
12
400
195
.090
10
32.7
NTE5207A
45
55
13
400
185
.090
10
33.0
NTE5208A
47
55
14
400
175
.090
10
35.8
NTE5209A
50
50
15
500
165
.090
10
36.0
NTE5210A
51
50
15
500
160
.090
10
38.8
NTE5211A
52
50
15
500
160
.090
10
39.0
NTE5212A
56
45
16
500
150
.090
10
42.6
NTE5213A
60
43
16
550
140
.090
10
44.8
NTE5214A
62
40
17
600
130
.090
10
47.1
* Stud Temperature = +75
°C


Similar Part No. - NTE5198A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE519 NTE-NTE519 Datasheet
19Kb / 1P
   Silicon Rectifier Diode Ultra Fast Switch
More results

Similar Description - NTE5198A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
logo
NTE Electronics
NTE5139A NTE-NTE5139A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com