Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD32N06L-001 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD32N06L-001
Description  Power MOSFET 32 Amps, 60 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD32N06L-001 Datasheet(HTML) 6 Page - ON Semiconductor

  NTD32N06L-001 Datasheet HTML 1Page - ON Semiconductor NTD32N06L-001 Datasheet HTML 2Page - ON Semiconductor NTD32N06L-001 Datasheet HTML 3Page - ON Semiconductor NTD32N06L-001 Datasheet HTML 4Page - ON Semiconductor NTD32N06L-001 Datasheet HTML 5Page - ON Semiconductor NTD32N06L-001 Datasheet HTML 6Page - ON Semiconductor NTD32N06L-001 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTD32N06L
http://onsemi.com
6
PACKAGE DIMENSIONS
DPAK
CASE 369C-01
ISSUE O
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
-T-
SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
---
0.51
---
V
0.035
0.050
0.89
1.27
Z
0.155
---
3.93
---
12
3
4
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.


Similar Part No. - NTD32N06L-001

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD32N06L-001 VBSEMI-NTD32N06L-001 Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD32N06L-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
   Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
   Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
NTB45N06 ONSEMI-NTB45N06_11 Datasheet
148Kb / 7P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
MTD3055VL ONSEMI-MTD3055VL Datasheet
86Kb / 12P
   Power MOSFET 12 Amps, 60 Volts
November, 2000 ??Rev. 3
NTB45N06L ONSEMI-NTB45N06L_11 Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
MTP23P06V ONSEMI-MTP23P06V Datasheet
81Kb / 8P
   Power MOSFET 23 Amps, 60 Volts
November, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com