Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD2406.1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD2406.1G
Description  Power MOSFET 60 Volt, 24 Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD2406.1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTD2406.1G Datasheet HTML 1Page - ON Semiconductor NTD2406.1G Datasheet HTML 2Page - ON Semiconductor NTD2406.1G Datasheet HTML 3Page - ON Semiconductor NTD2406.1G Datasheet HTML 4Page - ON Semiconductor NTD2406.1G Datasheet HTML 5Page - ON Semiconductor NTD2406.1G Datasheet HTML 6Page - ON Semiconductor NTD2406.1G Datasheet HTML 7Page - ON Semiconductor NTD2406.1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTD24N06
http://onsemi.com
4
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (
Dt)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain−gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate of
average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG − VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn−on and turn−off delay times, gate current is
not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG − VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off−state condition when
calculating td(on) and is read at a voltage corresponding to the
on−state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate drive
current. The voltage is determined by Ldi/dt, but since di/dt
is a function of drain current, the mathematical solution is
complex.
The
MOSFET
output
capacitance
also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate
resistance (Figure 9) shows how typical switching
performance is affected by the parasitic circuit elements. If
the parasitics were not present, the slope of the curves would
maintain a value of unity regardless of the switching speed.
The circuit used to obtain the data is constructed to minimize
common inductance in the drain and gate circuit loops and
is believed readily achievable with board mounted
components. Most power electronic loads are inductive; the
data in the figure is taken with a resistive load, which
approximates an optimally snubbed inductive load. Power
MOSFETs may be safely operated into an inductive load;
however, snubbing reduces switching losses.
Crss
10
0
10
15
20
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
2400
800
0
VGS
VDS
1200
400
55
VGS = 0 V
VDS = 0 V
TJ = 25°C
Ciss
Coss
Crss
Ciss
1600
2000


Similar Part No. - NTD2406.1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2406-1 ONSEMI-NTD2406-1 Datasheet
125Kb / 8P
   Power MOSFET 60 V, 24 A, N-Channel DPAK
January, 2005 ??Rev. 3
NTD2406-1G ONSEMI-NTD2406-1G Datasheet
126Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 5
NTD24061 ONSEMI-NTD24061 Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTD24061G ONSEMI-NTD24061G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
More results

Similar Description - NTD2406.1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTB5605T4G ONSEMI-NTB5605T4G Datasheet
94Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
logo
DIOTEC Electronics Corp...
TVS6024PFC DEC-TVS6024PFC Datasheet
58Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
TPFD-6024-1A DEC-TPFD-6024-1A Datasheet
31Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
logo
List of Unclassifed Man...
FCPS-2404 ETC1-FCPS-2404 Datasheet
329Kb / 3P
   24 Volt, 4 Amp NAC Power Expander
FCPS-24F ETC1-FCPS-24F Datasheet
573Kb / 3P
   24 Volt, 6 Amp Remote Power Supply
logo
Central Semiconductor C...
CP635-2N3791 CENTRAL-CP635-2N3791 Datasheet
397Kb / 4P
   PNP - Power Transistor Die 10 Amp, 60 Volt
R0 28-July 2016
logo
List of Unclassifed Man...
FCPS-24S6 ETC2-FCPS-24S6 Datasheet
395Kb / 3P
   6-Amp and 8-Amp 24-Volt Remote Power Supplies
logo
ON Semiconductor
NTD25P03L ONSEMI-NTD25P03L_06 Datasheet
160Kb / 9P
   Power MOSFET -25 Amp, -30 Volt
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com