Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AX101316 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. AX101316
Description  Modular Connectors - CAT5E Modular Jack - KeyConnect
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AX101316 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
CAT5E Modular Jack, RJ45, KeyConnect style, Purple (TIA 606)
Usage (Overall)
Suitable Applications:
IBDN System 1200, TIA Category 5E, ISO Class D, 1000 BASE-T
Related Parts:
Compatible with KeyConnect Faceplates, Adapters, Boxes and Patch Panels
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
0.880
0.640
1.290
Materials
Materials:
Description
Type
Material
Front Connection Lead Frame Copper Allow with 50u inch Gold over Nickel
Rear Connection IDC
Copper Allow with Nickel Plating
Connector Body
Plastic - UL940V-0
Color
Color:
Purple (TIA 606)
Wiring Scheme
Wiring Scheme:
T568A/B
Weight
Weight:
0.014 lbs.
Included Parts
Included Parts:
1 T-Bar
Packaging
Packaging:
Individually packaged in a plastic bag. Standard pack of 50 units.
Mechanical Characteristics (Connectivity)
Footprint/Type:
KeyConnect
Plug / Jack Compatibility:
RJ45, RJ11
Termination Interface:
Termination Connection
Durabilities
Front
Mated Connection
1,000 cycles
Rear
Gas Tight IDC Connection 20 terminations
Connector/Hardware Retention:
20 lbs.
Plug/Connector Retention:
11.250 lbs.
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Tool Compatibility:
Belden 110 Connecting Tool, MediaFlex Termination Station
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
EUP 50
Page 1 of 3
07-23-2014
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101316 Modular Connectors - CAT5E Modular Jack - KeyConnect


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn