Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AX101316 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. AX101316
Description  Modular Connectors - CAT5E Modular Jack - KeyConnect
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AX101316 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Telecommunications Standards:
Category 5e - TIA 568.B.2, Category 5 - ISO/IEC 11801:2002 Ed.2
Third Party Performance Verification:
ETL - Verified Category 5e
Safety Listing:
ACA, Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes - Indoor
Transmission Characteristics (Connectivity)
Mated Connection Table 1:
Frequency
(MHz)
Max.
Insertion Loss
TIA* (dB)
Max.
Insertion Loss
Belden** (dB)
Min.
NEXT
TIA* (dB)
Min.
NEXT
Belden** (dB)
Min.
FEXT
TIA* (dB)
Min.
FEXT
Belden** (dB)
1.000
0.100
0.100
65.000
77.000
65.000
77.000
4.000
0.100
0.100
65.000
73.800
63.100
74.800
8.000
0.100
0.100
64.900
67.700
57.000
68.700
10.000
0.100
0.100
63.000
65.800
55.100
66.800
16.000
0.100
0.100
58.900
61.700
51.000
62.700
20.000
0.100
0.100
57.000
59.800
49.100
60.800
25.000
0.100
0.100
55.000
57.800
47.100
58.800
31.250
0.110
0.100
53.100
55.900
45.200
56.900
62.500
0.160
0.120
47.100
49.900
39.200
50.900
100.000
0.200
0.160
43.000
45.800
35.100
46.800
160.000
0.210
41.700
42.700
Mated Connection Table - Footnote:
* TIA/EIA-568-B.2 Category 5E Standard.
** Worst-case performance for a CAT5E mated connection using CAT5E modular plugs.
Mated Connection Table 2:
Frequency
(MHz)
Min.
Return Loss
TIA* (dB)
Min.
Return Loss
Belden** (dB)
Min.
Balanced TCL
Belden** (dB)
1.000
30.000
32.000
42.000
4.000
30.000
32.000
42.000
8.000
30.000
32.000
42.000
10.000
30.000
32.000
42.000
16.000
30.000
32.000
42.000
20.000
30.000
32.000
42.000
25.000
30.000
32.000
42.000
31.250
30.000
32.000
42.000
62.500
24.100
31.100
36.100
100.000
20.000
27.000
32.000
160.000
22.900
27.900
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
50 M-Ohm Minimum
Max. Contact Resistance:
20 m-Ohm
Termination Resistance:
2.5 m-Ohm
Notes (Overall)
Notes: Please see Installation Guide PX103329
Product Family
Part Number List:
Item Number Color
AX101307
Gray
AX101308
Almond
AX101309
Elec. White
AX101310
Black
AX101311
Orange (TIA 606)
AX101312
Red (TIA 606)
AX101313
Yellow (TIA 606)
AX101314
Green (TIA 606)
AX101315
Blue (TIA 606)
AX101316
Purple (TIA 606)
AX101317
Brown (TIA 606)
AX103079
Ivory
AX104182
Orange
AX104183
Red
Page 2 of 3
07-23-2014
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101316 Modular Connectors - CAT5E Modular Jack - KeyConnect


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn