Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFE61HT101Z2A9 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NFE61HT101Z2A9
Description  For Automotive EMIFILr (Capacitor type) for Automotive NFE61H Series (2706 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFE61HT101Z2A9 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NFE61HT101Z2A9 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFE61HT101Z2A9 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > For Automotive > EMIFIL
r (Capacitor type) for Automotive
2012.11.8
oThis data sheet is applied for CHIP EMIFILr used for Automotive Electronics equipment for your design.
For Automotive EMIFILr (Capacitor type) for Automotive
NFE61H Series (2706 Size)
c Dimensions
2.6±0.3
6.8
0.7±0.2
0.7±0.2
1.6±0.3
(in mm)
+0.3
-0.5
(1)
(2)
(3)
c Insertion Loss Characteristics (Main Items)
0
10
20
30
40
50
60
0.1
1
10
100
1000
Frequency (MHz)
(50
Ω - 50Ω)
NFE61HT330U2A9
NFE61HT680R2A9
NFE61HT101Z2A9
NFE61HT332Z2A9
NFE61HT102F2A9
NFE61HT681D2A9
NFE61HT361C2A9
NFE61HT181C2A9
c Equivalent Circuit
Input (Output)
Output (Input)
GND
No polarity.
(1)
(3)
(2)
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
2500
K
330mm Embossed Tape
8000
B
Bulk(Bag)
500
c Rated Value (p: packaging code)
Part Number
Capacitance
Rated Current
Rated Voltage
Insulation Resistance (min.)
Operating
Temperature Range
NFE61HT330U2A9
p
33pF ±30%
2A
100Vdc
1000M ohm
-55 to +125°C
NFE61HT680R2A9
p
68pF ±30%
2A
100Vdc
1000M ohm
-55 to +125°C
NFE61HT101Z2A9
p
100pF ±30%
2A
100Vdc
1000M ohm
-55 to +125°C
NFE61HT181C2A9
p
180pF ±30%
2A
100Vdc
1000M ohm
-55 to +125°C
NFE61HT361C2A9
p
360pF ±20%
2A
100Vdc
1000M ohm
-55 to +125°C
NFE61HT681D2A9
p
680pF ±30%
2A
100Vdc
1000M ohm
-55 to +125°C
NFE61HT102F2A9
p
1000pF 80/-20%
2A
100Vdc
1000M ohm
-55 to +125°C
NFE61HT332Z2A9
p
3300pF 80/-20%
2A
100Vdc
1000M ohm
-55 to +125°C
Number of Circuit: 1
Continued on the following page.


Similar Part No. - NFE61HT101Z2A9

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFE61HT101Z2A9 MURATA-NFE61HT101Z2A9 Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
logo
Murata Manufacturing Co...
NFE61HT101Z2A9 MURATA1-NFE61HT101Z2A9 Datasheet
303Kb / 3P
   Its large rated current of 2A and low voltage drop due to small DC resistance are suitable for DC power line use.
Last updated07/22/2022
logo
Murata Manufacturing Co...
NFE61HT101Z2A9B MURATA-NFE61HT101Z2A9B Datasheet
184Kb / 9P
   This reference specification applies to Chip EMIFIL 짰 LC Combined Type for Large Current NFE61H Series for Automotive Electronics based on AEC-Q200
logo
Murata Manufacturing Co...
NFE61HT101Z2A9B MURATA1-NFE61HT101Z2A9B Datasheet
303Kb / 3P
   Its large rated current of 2A and low voltage drop due to small DC resistance are suitable for DC power line use.
Last updated07/22/2022
NFE61HT101Z2A9K MURATA1-NFE61HT101Z2A9K Datasheet
303Kb / 3P
   Its large rated current of 2A and low voltage drop due to small DC resistance are suitable for DC power line use.
Last updated07/22/2022
More results

Similar Description - NFE61HT101Z2A9

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
NFM21PC475B1A3D MURATA-NFM21PC475B1A3D Datasheet
100Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current NFM21PC Series (0805 Size)
NFM18PC104R1C3D MURATA-NFM18PC104R1C3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current NFM18PC Series (0603 Size)
NFM18PC224R0J3D MURATA-NFM18PC224R0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current NFM18PC Series (0603 Size)
DSS6NF31C223Q55B MURATA-DSS6NF31C223Q55B Datasheet
78Kb / 3P
   Lead EMIFILr Capacitor Type for General Small Type
NFA31CC471R1E4D MURATA-NFA31CC471R1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array NFA31C Series (1206 Size)
NFM18PC105R0J3D MURATA-NFM18PC105R0J3D Datasheet
104Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC225B0J3D MURATA-NFM18PC225B0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM31PC276B0J3L MURATA-NFM31PC276B0J3L Datasheet
54Kb / 1P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com