Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NFA18SL227V1A45L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part No. NFA18SL227V1A45L
Description  EMIFILr (LC Combined) Array NFA18SL_V Series (0603 Size)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

NFA18SL227V1A45L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (LC Combined) > Array
2013.11.11
oThis data sheet is applied for LC Combined CHIP EMIFILr used for General Electronics equipment for your design.
Continued from the preceding page.
c Insertion Loss Characteristics (Main Items)
Frequency (MHz)
0
20
40
60
80
10
100
1000
3000
NFA18SL137V1A45
NFA18SL207V1A45
NFA18SL187V1A45
(50
Ω - 50Ω)
c Insertion Loss Characteristics (Main Items)
Frequency (MHz)
0
20
40
60
80
10
100
1000
3000
NFA18SL227V1A45
(50
Ω - 50Ω)
c Insertion Loss Characteristics (Main Items)
Frequency (MHz)
(50
Ω - 50Ω)
10
100
3000
1000
0
20
40
60
80
NFA18SL307V1A45
NFA18SL407V1A45
NFA18SL487V1A45
c Insertion Loss Characteristics (Main Items)
0
20
40
60
80
10
100
1000
3000
Frequency (MHz)
NFA18SL357V1A45
(50
Ω - 50Ω)
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
4000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Nominal Cut-off Frequency
Insertion Loss
(Cut-off Frequency)
Insertion Loss
(470MHz) (min.)
Insertion Loss
(800MHz) (min.)
Insertion Loss
(900MHz) (min.)
Insertion Loss
(2000MHz) (min.)
Rated Current Rated Voltage
Insulation Resistance
(min.)
Withstand
Voltage
Operating Temperature Range
NFA18SL137V1A45
p
130MHz
6dB max.
25dB
-
25dB
-
50mA
10Vdc
1000M ohm
30Vdc
-40 to +85°C
NFA18SL187V1A45
p
180MHz
6dB max.
20dB
-
20dB
-
50mA
10Vdc
1000M ohm
30Vdc
-40 to +85°C
NFA18SL207V1A45
p
200MHz
6dB max.
15dB
-
15dB
-
50mA
10Vdc
1000M ohm
30Vdc
-40 to +85°C
NFA18SL227V1A45
p
220MHz
6dB max.
-
-
30dB
30dB
25mA
10Vdc
1000M ohm
30Vdc
-40 to +85°C
NFA18SL307V1A45
p
300MHz
6dB max.
-
20dB
20dB
-
100mA
10Vdc
1000M ohm
30Vdc
-55 to +125°C
NFA18SL357V1A45
p
350MHz
6dB max.
-
-
15dB
13dB
35mA
10Vdc
1000M ohm
30Vdc
-40 to +85°C
NFA18SL407V1A45
p
400MHz
6dB max.
-
18dB
18dB
-
100mA
10Vdc
1000M ohm
30Vdc
-55 to +125°C
NFA18SL487V1A45
p
480MHz
6dB max.
-
15dB
15dB
-
100mA
10Vdc
1000M ohm
30Vdc
-55 to +125°C
Number of Circuits: 4
Continued on the following page.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn