Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDF03N60Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDF03N60Z
Description  N-Channel Power MOSFET 600 V, 3.6 
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF03N60Z Datasheet(HTML) 1 Page - ON Semiconductor

  NDF03N60Z Datasheet HTML 1Page - ON Semiconductor NDF03N60Z Datasheet HTML 2Page - ON Semiconductor NDF03N60Z Datasheet HTML 3Page - ON Semiconductor NDF03N60Z Datasheet HTML 4Page - ON Semiconductor NDF03N60Z Datasheet HTML 5Page - ON Semiconductor NDF03N60Z Datasheet HTML 6Page - ON Semiconductor NDF03N60Z Datasheet HTML 7Page - ON Semiconductor NDF03N60Z Datasheet HTML 8Page - ON Semiconductor NDF03N60Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 7
1
Publication Order Number:
NDF03N60Z/D
NDF03N60Z, NDD03N60Z
N-Channel Power MOSFET
600 V, 3.6 W
Features
Low ON Resistance
Low Gate Charge
ESD Diode−Protected Gate
100% Avalanche Tested
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
NDF
NDD
Unit
Drain−to−Source Voltage
VDSS
600
V
Continuous Drain Current RqJC
ID
3.1
(Note 1)
2.6
A
Continuous Drain Current RqJC
TA = 100°C
ID
2.9
(Note 1)
1.65
A
Pulsed Drain Current, VGS @ 10 V
IDM
12
10
A
Power Dissipation RqJC
PD
27
61
W
Gate−to−Source Voltage
VGS
±30
V
Single Pulse Avalanche Energy,
ID = 3.0 A
EAS
100
mJ
ESD (HBM) (JESD 22−A114)
Vesd
3000
V
RMS Isolation Voltage (t = 0.3 sec.,
R.H. ≤ 30%, TA = 25°C) (Figure 17)
VISO
4500
V
Peak Diode Recovery (Note 2)
dv/dt
4.5
V/ns
Continuous Source Current (Body
Diode)
IS
3.0
A
Maximum Temperature for Soldering
Leads
TL
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Limited by maximum junction temperature
2. ISD = 3.0 A, di/dt ≤ 100 A/ms, VDD ≤ BVDSS, TJ = +150°C
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
MARKING AND ORDERING INFORMATION
VDSS
RDS(on) (MAX) @ 1.2 A
600 V
3.6 W
NDF03N60ZG
TO−220FP
CASE 221D
NDD03N60ZT4G
DPAK
CASE 369AA
1 2
3
4
NDD03N60Z−1G
IPAK
CASE 369D
1
2
3
4
1
2
3
N−Channel
G (1)
D (2)
S (3)
NDF03N60ZH
TO−220FP
CASE 221AH
1
2
3


Similar Part No. - NDF03N60Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
147Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
logo
Inchange Semiconductor ...
NDF03N60Z ISC-NDF03N60Z Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF03N60ZG ONSEMI-NDF03N60ZG Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF03N60ZG ONSEMI-NDF03N60ZG Datasheet
147Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com