Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUT6432 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # RUT6432
Description  Passive components sales offices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RUT6432 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button RUT6432 Datasheet HTML 3Page - Samsung semiconductor RUT6432 Datasheet HTML 4Page - Samsung semiconductor RUT6432 Datasheet HTML 5Page - Samsung semiconductor RUT6432 Datasheet HTML 6Page - Samsung semiconductor RUT6432 Datasheet HTML 7Page - Samsung semiconductor RUT6432 Datasheet HTML 8Page - Samsung semiconductor RUT6432 Datasheet HTML 9Page - Samsung semiconductor RUT6432 Datasheet HTML 10Page - Samsung semiconductor RUT6432 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
-55
℃ ~ +155℃
70
L
W
W
L
Jumper
12
13
The rated power is the maximum continuous loading power at 70
℃ ambient temperature.
For ambient temperature above 70
℃, the loading power follows the below power derating curve.
(The load current shall be derated according to derating curve in case of the 'Jumper')
0 0 0
0.20±0.02
0.30±0.03
0.50±0.05
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
1.00±0.10
1.00±0.10
1.60±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
0.60±0.05
0.60±0.05
0.60±0.05
0.60±0.05
0.13±0.02
0.23±0.03
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.35±0.10
0.35±0.10
0.50±0.10
0.35±0.10
0.40±0.10
0.35±0.10
0.45±0.10
0.35±0.10
0.45±0.10
0.23±0.10
0.23±0.10
0.23±0.10
0.23±0.10
0.10±0.03
0.10±0.05
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.20±0.10
0.15±0.10
0.30±0.15
0.15±0.10
0.15±0.10
0.15±0.10
0.15±0.10
-
-
0.10±0.10
0.10±0.10
0.10±0.10
0.10±0.10
0.10±0.03
0.15±0.05
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
0.25±0.10
0.25±0.10
0.30±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.20±0.10
0.20±0.10
0.20±0.10
0.20±0.10
RC0402
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RP102P
RP104P
RP164P
RN102P
RN104P
RM102P
RM104P
RK102P
RK104P
RF062P
RF064P
RM062P
RM064P
Type
01005
0201
0402
0603
0805
1206
1210
2010
2512
0402x2R
0402x4R
0603x4R
0402x2R
0402x4R
0402x2R
0402x4R
0402x2R
0402x4R
0201x2R
0201x4R
0201x2R
0201x4R
Inch
0.40±0.02
0.60±0.03
1.00±0.05
1.60±0.10
2.00±0.15
3.20±0.15
3.20±0.20
5.00±0.20
6.30±0.20
1.00±0.10
2.00±0.10
3.20±0.10
1.00±0.10
2.00±0.10
1.00±0.10
2.00±0.10
1.00±0.10
2.00±0.10
0.80±0.05
1.40±0.05
0.80±0.05
1.40±0.05
LW
H
I1
I2
Average
Weight
•Very small, thin, and light weight.
•Both flow and reflow soldering are applicable.
•Very low inductance.
•Suitable size and packaging for surface mount assembly.
•100 % Lead-free product(Except RP series).
•General purpose.
•Home Appliances.
(DVD, Digital TV, Digital Camera, Audio, Tunner).
•For Computers & Communications.
(Notebook, Memory Module, Mobile, Network Equipment, etc).
0.04
0.15
0.6
2.1
4.9
9.5
16
26
41
1.1
2.2
8.9
1.2
2.8
1.2
2.8
1.2
2.8
0.3
0.5
0.3
0.5
•The part number system shall be in the following format
(UNIT: mm)
R C: General
R P : Convex Array
RN : Concave Array
RM: Inverted Array
RK : Inverted Short-
free Array
R F : Flat Array
Code Designation
R C
2 0 1 2
J
Dimension & Size Code
Tolerance
0402: 0.4
×0.2(㎜) - 01005(inch)
0603: 0.6
×0.3(㎜) - 0201(inch)
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
102P: 1.0
×1.0(㎜) - 0404(inch)
104P: 2.0
×1.0(㎜) - 0804(inch)
164P: 3.2
×1.6(㎜) - 1206(inch)
J : Max 50
Jumper: 000
CS
Resistance Value
Packaging Code
GS: Bulk Packing
CS: Tape & Reel 7"
E S:Tape & Reel 10"
AS: Tape & Reel 13"
Feature
Power Derating Curve
Application
Structure and Dimensions
Parts Numbering System
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Ambient Temperature(
℃)
70
125
Operation area
<1005~6432, 1005 Array, 1608 Array>
<0402, 0603, 0603 Array>
-55
-30
0
30
60
90
120
150
70
155
100
80
60
40
20
0
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
W
H
L
I2
<RC Series>
0
00
00
0
-
-
-
-
-
-
-
-
-
0.33±0.10
0.40±0.15
0.60±0.15
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.20±0.10
0.20±0.10
0.20±0.10
0.20±0.10
A1
A2
P
Jumper Resistors
RC0402
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RP102P
RP104P
RP164P
RN102P
RN104P
RM102P
RM104P
RK102P
RK104P
RF062P
RF064P
RM062P
RM064P
Type
50
Ωmax
Resistance
2.0 (A)
0.5 (A)
Current Rating
70
Rated Ambient
Temperature
-55
℃ ~ +155℃
O
X
O
O
X
X
O
X
O
X
X
X
Rated Working
Temperature
Marking
50
Ωmax
<RP Series>
<RN Series>
0
00
00
0
L
A2
P
P
-55
℃ ~ +125℃
<RM Series>
<RK Series>
-
-
-
-
-
-
-
-
-
-
0.30±0.15
0.40±0.15
-
0.30±0.10
-
0.30±0.10
-
0.30±0.10
-
0.20±0.10
-
0.20±0.10
-
-
-
-
-
-
-
-
-
0.65±0.10
0.50±0.15
0.80±0.15
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.05
0.40±0.05
0.50±0.05
0.40±0.05
1.0 (A)
70
70
70
70
70
70
-55
℃ ~ +155℃
-55
℃ ~ +155℃
-55
℃ ~ +155℃
-55
℃ ~ +155℃
-55
℃ ~ +125℃
-55
℃ ~ +125℃
50
Ωmax
50
Ωmax
50
Ωmax
50
Ωmax
50
Ωmax
1.0 (A)
1.0 (A)
1.0 (A)
0.5 (A)
0.5 (A)
L
A2
A1
A1
0
00
00
0
I1
W
W
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
0
00
00
0
0.5 (A)
50
Ωmax
50
Ωmax
1.0 (A)
70
X


Similar Part No. - RUT6432

ManufacturerPart #DatasheetDescription
logo
GOOD SKY ELECTRIC CO., ...
RUT GOODSKY-RUT Datasheet
342Kb / 2P
   General Purpose Relay
RUT-SH-103DM GOODSKY-RUT-SH-103DM Datasheet
342Kb / 2P
   General Purpose Relay
RUT-SH-103DM8 GOODSKY-RUT-SH-103DM8 Datasheet
342Kb / 2P
   General Purpose Relay
RUT-SH-103DM8F GOODSKY-RUT-SH-103DM8F Datasheet
342Kb / 2P
   General Purpose Relay
RUT-SH-103DMF GOODSKY-RUT-SH-103DMF Datasheet
342Kb / 2P
   General Purpose Relay
More results

Similar Description - RUT6432

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
   Passive DWDM Components
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
API Technologies Corp
PA18-1580-010SA APITECH-PA18-1580-010SA Datasheet
683Kb / 1P
   SALES DRAWING
PA13-1580-005SA APITECH-PA13-1580-005SA Datasheet
72Kb / 1P
   SALES DRAWING
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
   Sales Outline Drawing
PL-27N26WQ MSPI-PL-27N26WQ Datasheet
99Kb / 1P
   Sales Outline Drawing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com