Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1A23LA25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RS1A23LA25
Description  Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS1A23LA25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RS1A23LA25 Datasheet HTML 1Page - List of Unclassifed Manufacturers RS1A23LA25 Datasheet HTML 2Page - List of Unclassifed Manufacturers RS1A23LA25 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RS1A
Rated insulation voltage
≥ 4000 VACrms
Input to output
Rated insulation voltage
≥ 4000 VACrms
Output to case
Insulation
Weight
Approx. 60 g
Housing material
Noryl GFN 1, black
Baseplate
Aluminium
Potting compound
None
Relay
Mounting screws
M5
Mounting torque
1.5-2.0 Nm
Control terminal
Mounting screws
M3 x 6
Mounting torque
0.5 Nm
Power terminal
Mounting screws
M5 x 9
Mounting torque
2.4 Nm
Housing Specifications
Dimensions
Functional Diagram
+ A1
- A2
T1
L1
Wiring Diagram
A1 (+)
A2 (-)
T1
L1
Accessories
RM IP20
IP20 cover for RS and RM. This accessory is available in
packs of 20 pieces with the above reference.


Similar Part No. - RS1A23LA25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
More results

Similar Description - RS1A23LA25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
logo
Advantech Co., Ltd.
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
   Industrial RS-232 to RS-422/485 Converters
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
   Industrial RS-232 to RS-422/485 Converter
BB-SCP211-DFTB3 ADVANTECH-BB-SCP211-DFTB3 Datasheet
212Kb / 2P
   Industrial RS-232 to RS-422/485 Converters
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com