Electronic Components Datasheet Search |
|
RM102P Datasheet(PDF) 10 Page - Samsung semiconductor |
|
RM102P Datasheet(HTML) 10 Page - Samsung semiconductor |
10 / 20 page Resistance Value Table Code Tol (%) Value (Ω) R010 R011 R012 R013 R015 R016 R018 0.01 0.011 0.012 0.013 0.015 0.016 0.018 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 Code Tol (%) Value (Ω) R020 R022 R024 R027 R030 R033 R036 0.02 0.022 0.024 0.027 0.03 0.033 0.036 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 Code Tol (%) Value (Ω) R039 R040 R043 R047 R050 R051 R056 0.039 0.04 0.043 0.047 0.05 0.051 0.056 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 Code Tol (%) Value (Ω) R060 R062 R068 R075 R082 R091 R100 0.06 0.062 0.068 0.075 0.082 0.091 0.1 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 •Rated Current (A) = Rated Power(W) / Nominal Resistance Value( Ω) Please contact our sales representatives or product engineers for lower T.C.R or higher rated power products. √ 18 19 •Thick Film Type Ultra Low Ohm Resistor. •High Precision Reliability. •High Power with Very Low TCR. •100% Lead Free Products (PbO not used). •RoHS Compliant. Feature Ultra Low Ohms(RUK Series) 0.35±0.20 0.40±0.20 0.45±0.20 0.45±0.20 0.80±0.20 1.0±0.20 RUK1608 RUK2012 RUK3216 RUK3225 RUK5025 RUK6432 Type Inch 1.60±0.10 2.00±0.15 3.20±0.15 3.20±0.20 5.00±0.20 6.30±0.20 LW H I1 I2 Average Weight (UNIT: mm) R010 RUK : Current Sensing Resistor Low TCR Code Designation R U K 1608 F Dimension & Size Code Tolerance 1608: 1.6 ×0.8(㎜) - 0603(inch) 2012: 2.0 ×1.2(㎜) - 0805(inch) 3216: 3.2 ×1.6(㎜) - 1206(inch) 3225: 3.2 ×2.5(㎜) - 1210(inch) 5025: 5.0 ×2.5(㎜) - 2010(inch) 6432: 6.4 ×3.2(㎜) - 2512(inch) F: ±1% G: ±2% J: ±5% 4-digits coding system CS Resistance Value Packaging Code CS: Tape & Reel 7" ES : Tape & Reel 10" AS: Tape & Reel 13" CS Packaging Code 0603 0805 1206 1210 2010 2512 0.80±0.10 1.25±0.15 1.60±0.15 2.55±0.20 2.50±0.20 3.20±0.20 0.45±0.10 0.55±0.10 0.65+0.10 0.60+0.10 0.65+0.10 0.65+0.10 0.50±0.20 0.55±0.20 0.90±0.20 0.90±0.20 1.10±0.20 1.90±0.20 2.2 ㎎ 4.7 ㎎ 9.4 ㎎ 9.5 ㎎ 27 ㎎ 42 ㎎ •Current Sensing. •PCM of Battery Pack. •Power supplying part, DC power charger, adapter. •Mobile Phone, Mobile PC, Note PC, HDD, DSC, LCD. Application Structure and Dimensions •The part number system shall be in the following format Parts Numbering System -55 ℃~+155℃ 70 ℃ Type Power Rating (W) Rated Current (A) Resistance Range (Ω) T.C.R (ppm/℃) Rated Ambient Temperature Rated Working Temperature The rated power is the maximum continuous loading power at 70℃ ambient temperature. For ambient temperature above 70℃, the loading power follows the below power derating curve. - R means decimal point. - Other digits represent significant value. - Example : R010 R010 = .010 = 0.010 Ω = 0.01 Ω or 10 mΩ 4-digits coding system R R0 01 10 0 RUK1608 RUK2012 RUK3216 RUK3225 RUK5025 RUK6432 1/2 (0.5) 1/2 (0.50) 1 (1.0) 1 (1.0) 1 (1.0) 1 (1.0) Specification Power Derating Curve Marking The specifications and designs contained herein may be subject to change without notice. Please contact our sales representatives or product engineers before order. W H L I2 <Top View> <Side View> R R0 01 10 0 <Bottom View> 10m~30m 100 80 60 40 20 0 Operation area -55 -30 0 30 60 90 120 150 Ambient Temperature( ℃) 70 155 (P /R) √ ±100 I1 Operation Notes Example of land Pattern Design Recommended Soldering Conditions General Structure General Precision Jumper Low ohms (RUT Series) Ultra Low ohms (RU Series) Ultra Low Ohms (RUK Series) Ultra Low Ohms (RJ Series) Arrays (CONVEX Type) Arrays (CONCAVE Type) Arrays (FLAT Type) Anti-Sulfur Resistors Attenuator Characteristics Performance Packaging Standard Resistance Value |
Similar Part No. - RM102P |
|
Similar Description - RM102P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |