Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNV14FAL1M00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RNV14FAL1M00
Description  High Voltage Anti-moisture Metal Film Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RNV14FAL1M00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RNV14FAL1M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers RNV14FAL1M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev Date: 06/02/2014
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNV Series
High Voltage Anti-moisture Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
R
N
V
1
4
F
T
L
1
0
0
K
0
100
-55ºC
70ºC
80
60
40
20
155ºC
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (ºC)
120
140
160
180
Type / Code
Unit
0.236 ± 0.012
0.094 ± 0.008
0.022 ± 0.002
1.102 ± 0.012
inches
6.00 ± 0.30
2.40 ± 0.20
0.55 ± 0.05
28.00 ± 0.30
mm
H
RNV14
L
D
d
1600V (DC)
3200V (DC)
±100 ppm/ºC
100K - 6.8M
1150V (RMS)
2300V (RMS)
±200 ppm/ºC
100K - 15M
Ohmic Range (Ω) and Tolerance
1% and 5%
Type / Code
Power Rating
(Watts) @ 70ºC
Resistance Temperature
Coefficient
Maximum
Overload Voltage
Maximum
Working Voltage
RNV14
0.25W
High Voltage
Code
Quantity
Code ppm
Metal Film
A
2,000
D
100
T
5,000
L
200
Product Series
Power
Size
TCR
Resistance Value
1 Mohm = 1M00
15 Mohm = 15M0
Size
Packaging
Code
14
Four characters with
the multiplier used as
the decimal holder.
0.25W
Tolerance
Tol
1%
5%
100 Kohm = 100K
14
Tape and Reel
RNV
Tape Box (52mm)
J
F
Description
Features:
Power Derating Curve:
High voltage surge handling per IEC 60065.14.1, up to 7KV
High tolerance to prolonged exposure to temperature and
humidity stress
Ideal for applications requiring high stability, reliability and voltage
handling; including power inverters, AC adapters and switching
power supplies
Electrical Specifications
Mechanical Specifications
How to Order


Similar Part No. - RNV14FAL1M00

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNV14FAL1M00 SEI-RNV14FAL1M00 Datasheet
284Kb / 5P
   High Voltage Anti-moisture Metal Film Resistor
10/22/2020
More results

Similar Description - RNV14FAL1M00

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNV SEI-RNV Datasheet
284Kb / 5P
   High Voltage Anti-moisture Metal Film Resistor
10/22/2020
logo
IRC - a TT electronics ...
MH25 IRCTT-MH25 Datasheet
115Kb / 2P
   High Voltage Metal Film Resistor
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
   Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCP SEI-RNCP Datasheet
455Kb / 7P
   High Power Anti-Sulfur Thin Film Chip Resistor
03/09/2020
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com