Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R141802000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # R141802000
Description  Worlwide standardised coaxial connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R141802000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button R141802000 Datasheet HTML 2Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 3Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R141802000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.radiall.com
10-6
JACK
PLUG
JACK
PLUG
Letter
mm
inch
min.
max.
min.
max.
A
10.97
11.07
.432
.436
B
9.60
9.67
.378
.381
C
8.80
9.00
.346
.354
D
8.32
8.46
.328
.333
E
8.10
8.15
.319
.321
F
5.18
5.28
.204
.208
G
8.30
8.50
.327
.335
H
1.90
2.06
.075
.081
J
4.72
5.22
.186
.206
K
2.10
2.14
.083
.084
Letter
mm
inch
min.
max.
min.
max.
A
9.80
9.90
.386
.390
B
8.30
8.40
.327
.331
C
1.32
1.37
.052
.054
D
0.35
0.65
.014
.026
E
5.30
5.50
.209
.217
F
0.10
0.90
.004
.035
G
4.57
4.67
.180
.184
INTERfACE BNC 75 HDTV
INTERfACE BNC 50Ω


Similar Part No. - R141802000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
   STRAIGHT BULKHEAD JACK PANEL SEAL
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
R141277000 ETC2-R141277000 Datasheet
40Kb / 1P
   The BNC connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement.
More results

Similar Description - R141802000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141717000 ETC2-R141717000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com