Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD7137-6-12M0 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RD7137-6-12M0
Description  Current-compensated Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RD7137-6-12M0 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RD7137-6-12M0 Datasheet HTML 1Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 2Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Mechanical data
RD 5122
RD 5132
RD 6127, RD 7127, RD 8127
RD 6137, RD 7137, RD 8137
RD 7147, RD 8147
Dimensions
RD 5122
RD 5132
RD 6127
RD 6137
RD 7127
RD 7137
RD 7147
RD 8127
RD 8137
RD 8147
Tolerances
A
50
50
60
60
70
70
70
80
80
80
±0.5
C
35
35
35
35
40
40
40
50
50
50
±0.5
D
5 ±0.5
5 ±0.5
150
150
150
150
150
200
200
200
+5/-0
E
see choke selection table
F
10
10
10
10
10
20
20
20
±1
G
15
20
±0.3
H
20
40 ±0.4
±0.3
I
4.1 +3/-0
4.1 +3/-0
4.1 +3/-0
4.1 +3/-0
6.1
6.1
6.1
6.1
6.1
6.1
+6/-0
J
120°
K
5
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m / EN 22768-m
Please visit www.schaffner.com to find more details on filter connectors.
4


Similar Part No. - RD7137-6-12M0

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RD7137-6-12M0 SCHAFFNER-RD7137-6-12M0 Datasheet
473Kb / 5P
   Current-compensated Chokes
More results

Similar Description - RD7137-6-12M0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com