Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD7137-6-12M0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RD7137-6-12M0
Description  Current-compensated Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RD7137-6-12M0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RD7137-6-12M0 Datasheet HTML 1Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 2Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
EMC/EMI Chokes RD series
Current-compensated Chokes
Rated currents from 6 to 64 A
Up to 600 VAC or 850 VDC
DC to 400 Hz frequencies
Dual, triple and quad-choke configurations
Technical specifications
Maximum continuous operating voltage
600 VAC/850 VDC @ 40 °C
Operating frequency
dc to 400 Hz
Rated currents
6 to 64 A @ 40 °C max.
High potential test voltage
winding-to-winding
2500 V, 50 Hz, 2 sec, factory test
2500 VAC, 60 sec, guaranteed
winding-to-housing
4000 VAC, 60 sec, guaranteed
Surge current @ 10msec
20 x I<sub>nominal</sub> @ 25 °C
Temperature range (operation and storage) -25 °C to +110 °C (25/110/21)
Flammability corresponding to
UL 94 V-0 (insulation tubes UL 94 V-2)
MTBF @ 40°C/230V (Mil-HB-217F)
> 5,000,000 hours
Approvals
RD chokes are attenuating common-mode or
asymmetric (P/N –> E) interference signals, by being
connected in series with the phase and neutral lines
of an AC powerline input. Symmetrical components
of the noise are also attenuated by the leakage
inductance of the windings. These chokes are
typically used in conjunction with suppression
capacitors.
Features andbenefits
High saturation resistance and excellent thermal
behavior.
Through hole or wire connections.
Dual, triple and quad-choke configuration.
Up to 64 A quad configuration.
Multiple housing options.
Custom-specific versions are available on request.
Typical applications
Phase-angle control circuits in combination with
saturating chokes
EMI input filters
For suppressing equipment with no earth
connection
Suppressing high interference levels
Typical electrical schematic


Similar Part No. - RD7137-6-12M0

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RD7137-6-12M0 SCHAFFNER-RD7137-6-12M0 Datasheet
473Kb / 5P
   Current-compensated Chokes
More results

Similar Description - RD7137-6-12M0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com