Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R141440000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # R141440000
Description  Worlwide standardised coaxial connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R141440000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button R141440000 Datasheet HTML 3Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R141440000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.radiall.com
10-7
JACK
PLUG
Letter
mm
inch
min.
max.
min.
max.
A DIA
10.97
11.07
.432
.436
B DIA
9.60
9.70
.378
.382
C DIA
8.79
9.04
.346
.356
D DIA
8.31
8.46
.327
.333
E DIA
8.10
8.15
.319
.321
F DIA
-
4.72
-
.186
G
8.31
8.51
.327
.335
H
1.91
2.06
.075
.081
J
4.72
5.23
.186
.206
K
4.78
5.28
.188
.208
L
5.18
5.28
.204
.208
M
4.95
-
.195
-
Letter
mm
inch
min.
max.
min.
max.
A DIA
10.97
11.07
.432
.436
B DIA
9.60
9.67
.378
.381
C DIA
8.80
9.00
.347
.354
D DIA
8.32
8.46
.328
.333
E DIA
8.10
8.15
.319
.321
F DIA
4.62
4.72
.182
.186
G
8.30
8.50
.326
.334
H
1.90
2.06
.074
.081
J
4.72
5.22
.186
.205
K
4.98
5.23
.196
.206
L
5.18
5.28
.204
.208
M
5.30
5.90
.209
.232
Letter
mm
inch
min.
max.
min.
max.
A DIA
9.78
9.91
.385
.390
B DIA
4.83
-
.190
-
C
0.15
-
.006
-
D
5.28
5.79
.208
.228
E
5.33
5.84
.210
.230
F
1.98
-
.078
-
G DIA
1.32
1.37
.052
.054
H DIA
2.31
2.46
.091
.097
Letter
mm
inch
min.
max.
min.
max.
A DIA
9.80
9.90
.386
.389
B DIA
6.10
6.30
.240
.248
C DIA
1.32
1.37
.052
.054
D
0.05
.002
E
5.42
5.78
.213
.227
F
5.35
5.87
.211
.231
G
3.00
3.40
.118
.134
H DIA
3.15
3.35
.124
.132
INTERfACE BNC 50Ω
INTERfACE BNC 75Ω


Similar Part No. - R141440000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141440000 ETC2-R141440000 Datasheet
52Kb / 2P
   SQUARE FLANGE PLUG RECEPTACLE MILLED HOLES WITH SOLDER POT CONTACT
More results

Similar Description - R141440000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141717000 ETC2-R141717000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com