Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R141403000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # R141403000
Description  Worlwide standardised coaxial connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R141403000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button R141403000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R141403000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.radiall.com
10-8
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Frequency range
DC - 6 GHz (optimized at 3 GHz)
Impedance
75Ω
V.S.W.R. (max)
Interface (plug + jack)
Mated pair
In series adapters
DC - 1.5 GHz
1.02
1.05
1.04
1.5 - 3 GHz
1.05
1.12
1.07
3 - 6 GHz
1.08
1.25
1.12
Working voltage
500 Vrms
Dielectric withstanding voltage
1500 Vrms
RF Leakage
@ 1 GHz
RF Leakage
@ 3 GHz
RF Leakage
@ 6 GHz
75 dB
60 dB
50 dB
mECHANICAL CHARACTERISTICS
Mating
Intermateable with 50Ω and 75Ω standard BNC connectors
Long life duration (mating endurance)
1000 cycles
Engagement force
13.6 N
Mating torque (bayonet)
28.6 N.cm
Coupling nut retention force
Axial force: 450 N
Bending stress: 1000 N.cm
Center contact insertion force
10 N max
Vibration
MIL STD 202 Meth.204 cond B
ENVIRONmENTAL CHARACTERISTICS
Temperature range
-65°C + 165°C
Moisture resistance
MIL STD 202, Meth. 106
CECC 22000 paragraph 4.6.6
Corrosion resistance
MIL STD 202, Meth. 101 cond B (48 hours salt spray)
mATERIALS and PLATING
Components
Materials
Platings
Body
Brass
NPGR/BBR/Nickel
Center contact
Brass or Beryllium copper
NPGR
Outer contact
Brass
NPGR
Insulator
PTFE
Gasket
Silicone Rubber


Similar Part No. - R141403000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141410000W ETC2-R141410000W Datasheet
39Kb / 2P
   INSULATED SQUARE FLANGE JACK RECEPTACLE WITH SOLDER POT CONTACT
R141440000 ETC2-R141440000 Datasheet
52Kb / 2P
   SQUARE FLANGE PLUG RECEPTACLE MILLED HOLES WITH SOLDER POT CONTACT
More results

Similar Description - R141403000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141717000 ETC2-R141717000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com