Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS496B-S Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # SS496B-S
Description  Honeywell sensing and control
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SS496B-S Datasheet(HTML) 1 Page - Honeywell Accelerometers

  SS496B-S Datasheet HTML 1Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Product and
Get Support
U.S. Authorized
Distributors
Global Sales & Service
N. American Sales Reps
Distributor Inventory
Technical Assistance
White Papers
Literature Request
RoHS Product List
Customer Feedback
Home> Products > PCB level Position Sensors (Miniature Plastic package) > SS490
> Product Page
SS496B-S
SS490 Series Cost-Reduced Miniature
Ratiometric Linear Hall-Effect Sensor;
surface mount package
Actual product appearance may vary.
Features
l
Small size
l
Low pow er consumption
l
Single current sinking or current
sourcing output
l
Linear output for circuit design flexibility
l
Built-in thin-film resistors - laser trimmed
for precise sensitivity and temperature
compensation
l
Rail-to-rail operation provides more
useable signal for higher accuracy
l
Responds to either positive or negative
gauss
l
Quad Hall sensing element for stable
output
Potential Applications
l
Current sensing
l
Motor control
l
Position sensing
l
Magnetic code reading
l
Rotary encoder
l
Ferrous metal detector
l
Vibration sensing
l
Liquid level sensing
l
Weight sensing
Description
The SS490 Series MRL (Miniature Ratiometric Linear) sensors are versatile linear
Hall effect devices operated by the magnetic field from a permanent magnet or an
electromagnet. The ratiometric output voltage is set by the supply voltage. It varies
in proportion to the strength of the magnetic field.
The integrated circuitry provides increased temperature stability and sensitivity.
Laser trimmed thin film resistors on the chip provide high accuracy (null to
3%,
sensitivity up to 3%) and temperature compensation. The positive temperature
coefficient of the sensitivity (+0.02 %/ C typical) compensates for the negative
temperature coefficients of low cost magnets.
The SS490B Series sensors offer cost-effective MRL sensing w ith slightly w ider
specifications than the SS490 products. The SS490B has a typical sinking or
sourcing output of 1.5 mA continuous, uses seven mA of supply current at 5.0
volts at 25 C, for predictable performance over the full temperature range. SS490B
Series sensors have w ider null and sensitivity tolerances and a w ider drift over
temperature.
NOTE: Products ordered in bulk packaging (plastic bags) may not have perfectly
straight leads as a result of normal handling and shipping operations. Please order
tape packaging option for applications w ith critical lead straightness requirements.
Supporting Documentation
Dimensions
Circuit Block
Diagram
Required
Accessories—
Magnets
Engineering
Drawing
Product Specifications
Product Type
Miniature Hall-Effect Linear
Position Sensor IC
Package Quantity/Type
Available in 1,000/Bag
Package Style
Surface Mount
Supply Voltage
4.5 Vdc to 10.5 Vdc
Output Type
Sink/Source
Term ination Type
Surface Mount
Magnetic Actuation Type
Ratiom etric
Operating Tem perature Range
-40 °C to 150 °C [-40 °F to 302 °
F]
Storage Tem perature
-55 °C to 165 °C [-67 °F to 329 °
F]
Output Voltage
0.2 Vdc to (Vs - 0.2 Vdc) typ.,
0.4 Vdc to (Vs - 0.4 Vdc) min.
Linearity (% of Span)
-1.0 % typ.
Output Voltage Span (m in.)
0.4 Vdc to (Vs - 0.4 Vdc)
Availability
Global
Supply Current (m ax. @ 25 °C)
8.7 m A @ 5 Vdc
Sensitivity @ 25 °C
2.500 m V ± 0.200 m V/G
Output Voltage Swing (Negative G)
0.4 Vdc
Output Voltage Swing (Positive G)
Vs - 0.4 Vdc
Tem perature_Error_25_Null_Shift_2
± 0.064
Tem perature_Error_25 Sensitivity_1
-0.02 m in., 0.08 m ax.
Output_Current_Typical_Source_45
1.5 m A
Output_Current_Minim um _Source_45 1 m A
Output_Current_Minim um _Sink_45
0.6 m A
Output_Current_Minim um _Sink_5
1 m A
Magnetic Range (typ.)
-84 m T to 84 m T [-840 G to 840
G]
Magnetic Range (m in.)
-75 m T to 75 m T [-750 G to 750
G]
Output Voltage Span (typ.)
0.2 Vdc to (Vs - 0.2 Vdc)
Null (Output @ 0 G)
2.50 Vdc ± 0.150 Vdc
Response Tim e (µs)
3 µs
Series Nam e
SS490
Keyw ord Search
Search for product and
support information.
All Sensing and Control
Product Search
Part number search:
Use (*) to expand search
Specification Search
Terms & Conditions |
Privacy Statement |
Site Map


Similar Part No. - SS496B-S

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SS496B-T2 HONEYWELL-ACC-SS496B-T2 Datasheet
168Kb / 1P
   Global Sales & Service
More results

Similar Description - SS496B-S

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SS421H HONEYWELL-ACC-SS421H Datasheet
466Kb / 5P
   Honeywell Sensing and Control
FF-SRL60252 HONEYWELL-ACC-FF-SRL60252 Datasheet
43Kb / 1P
   Honeywell Sensing and Control
13C5000PA4K HONEYWELL-ACC-13C5000PA4K Datasheet
70Kb / 2P
   Honeywell Sensing and Control
SDP8436-003 HONEYWELL-ACC-SDP8436-003 Datasheet
40Kb / 1P
   Honeywell Sensing and Control
FF-SRE3081E HONEYWELL-ACC-FF-SRE3081E Datasheet
100Kb / 1P
   Honeywell Sensing and Control
FF-SRS60252 HONEYWELL-ACC-FF-SRS60252 Datasheet
139Kb / 1P
   honeywell Sensing aond Control
logo
Honeywell Solid State E...
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
   Remote Control, Proximity, Ambient Light Sensing
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
Honeywell Accelerometer...
HIH6130-021-001S HONEYWELL-ACC-HIH6130-021-001S Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com