Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPW3-1700S010 Datasheet(PDF) 1 Page - Cree, Inc

Part # CPW3-1700S010
Description  Silicon Carbide Schottky Diode Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPW3-1700S010 Datasheet(HTML) 1 Page - Cree, Inc

  CPW3-1700S010 Datasheet HTML 1Page - Cree, Inc CPW3-1700S010 Datasheet HTML 2Page - Cree, Inc CPW3-1700S010 Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Subject to change without notice.
www.cree.com/power
CPW3-1700S010–Silicon Carbide Schottky Diode Chip
Z-Rec™ RectifieR
Features
• 1700-VoltSchottkyRectifier
• ZeroReverseRecovery
• ZeroForwardRecovery
• High-FrequencyOperation
• Temperature-IndependentSwitchingBehavior
• ExtremelyFastSwitching
• PositiveTemperatureCoefficientonV
F
Chip Outline
Maximum Ratings
Symbol Parameter
Value Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
1700
V
V
RSM
SurgePeakReverseVoltage
1700
V
V
DC
DCBlockingVoltage
1700
V
I
F(AVG)
AverageForwardCurrent
10
A
T
J=175˚C
I
FRM
RepetitivePeakForwardSurgeCurrent
40.5
22.5
A
T
C=25˚C,tP=10ms,HalfSineWave,D=1
T
C=110˚C,tP=10ms,HalfSineWave,D=1
1
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
54
36.5
A
T
C=25˚C,tP=10ms,HalfSineWave,D=1
T
C=110˚C,tP=10ms,HalfSineWave,D=1
1
T
J,Tstg
OperatingJunctionandStorageTemperature
-55 to
+175
˚C
Part Number
Anode
Cathode
Package
Marking
CPW3-1700S010B
Al
Ni/Ag
SawnonFoil
Wafer#onFoil
V
RRM
= 1700 V
I
F(AVG)=10A
Q
c
=70nC
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.7
3
2
3.5
V
I
F=10ATJ=25°C
I
F=10ATJ=175°C
I
R
ReverseCurrent
10
50
50
200
μA
V
R = 1700 V
T
J=25°C
V
R = 1700 V
T
J=175°C
Q
C
TotalCapacitiveCharge
70
110
nC
V
R=1700V,IF=10A
di/dt=400A/μs
T
J = 25°C
C
TotalCapacitance
880
80
60
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=200V,TJ=25˚C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
Note:
1. Assumesθ
J-CThermalResistanceof1.06˚C/Worless.


Similar Part No. - CPW3-1700S010

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPW3-1700S010B CREE-CPW3-1700S010B Datasheet
539Kb / 3P
   閻녑뙑簾낁굷?밧읃雅뚧엨嶸↑뒸?
CPW3-1700S010_CN CREE-CPW3-1700S010_CN Datasheet
539Kb / 3P
   閻녑뙑簾낁굷?밧읃雅뚧엨嶸↑뒸?
More results

Similar Description - CPW3-1700S010

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPWR-0600-S001B CREE-CPWR-0600-S001B Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-1200-S050B CREE-CPW2-1200-S050B Datasheet
244Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200-S010B CREE-CPW4-1200-S010B Datasheet
394Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPWR-0600S001 CREE-CPWR-0600S001 Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW5-1700-Z005A CREE-CPW5-1700-Z005A Datasheet
283Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S004 CREE-CPW3-0600S004 Datasheet
221Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S002 CREE-CPW3-0600S002 Datasheet
206Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S020B CREE-CPW4-1200S020B Datasheet
165Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S010B CREE-CPW4-1200S010B Datasheet
265Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S002B CREE-CPW4-1200S002B Datasheet
193Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-0650-S008B CREE-CPW2-0650-S008B Datasheet
233Kb / 3P
   Silicon Carbide Schottky Diode Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com