Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJP6KE120CA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMBJP6KE120CA
Description  Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJP6KE120CA Datasheet(HTML) 2 Page - Micro Commercial Components

  SMBJP6KE120CA Datasheet HTML 1Page - Micro Commercial Components SMBJP6KE120CA Datasheet HTML 2Page - Micro Commercial Components SMBJP6KE120CA Datasheet HTML 3Page - Micro Commercial Components SMBJP6KE120CA Datasheet HTML 4Page - Micro Commercial Components SMBJP6KE120CA Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
SMBJP6KE6.8A
5.80
6.45
7.14
10
10.5
58.1
1000
6V8A
SMBJP6KE7.5A
6.40
7.13
7.88
10
11.3
54.0
500
7V5A
SMBJP6KE8.2A
7.02
7.79
8.61
10
12.1
50.4
200
8V2A
SMBJP6KE9.1A
7.78
8.65
9.55
1
13.4
45.5
50
9V1A
SMBJP6KE10A
8.55
9.50
10.50
1
14.5
42.1
10
10A
SMBJP6KE11A
9.40
10.50
11.60
1
15.6
39.1
5
11A
SMBJP6KE12A
10.20
11.40
12.60
1
16.7
36.5
5
12A
SMBJP6KE13A
11.10
12.40
13.70
1
18.2
33.5
1
13A
SMBJP6KE15A
12.80
14.30
15.80
1
21.2
28.8
1
15A
SMBJP6KE16A
13.60
15.20
16.80
1
22.5
27.1
1
16A
SMBJP6KE18A
15.30
17.10
18.90
1
25.5
24.2
1
18A
SMBJP6KE20A
17.10
19.00
21.00
1
27.7
22.0
1
20A
SMBJP6KE22A
18.80
20.90
23.10
1
30.6
19.9
1
22A
SMBJP6KE24A
20.50
22.80
25.20
1
33.2
18.4
1
24A
SMBJP6KE27A
23.10
25.70
28.40
1
37.5
16.3
1
27A
SMBJP6KE30A
25.60
28.50
31.50
1
41.4
14.7
1
30A
SMBJP6KE33A
28.20
31.40
34.70
1
45.7
13.3
1
33A
SMBJP6KE36A
30.80
34.20
37.80
1
49.9
12.2
1
36A
SMBJP6KE39A
33.30
37.10
41.00
1
53.9
11.3
1
39A
SMBJP6KE43A
36.80
40.90
45.20
1
59.3
10.3
1
43A
SMBJP6KE47A
40.20
44.70
49.40
1
64.8
9.4
1
47A
SMBJP6KE51A
43.60
48.50
53.60
1
70.1
8.7
1
51A
SMBJP6KE56A
47.80
53.20
58.80
1
77.0
7.9
1
56A
SMBJP6KE62A
53.00
58.90
65.10
1
85.0
7.2
1
62A
SMBJP6KE68A
58.10
64.60
71.40
1
92.0
6.6
1
68A
SMBJP6KE75A
64.10
71.30
78.80
1
103.0
5.9
1
75A
SMBJP6KE82A
70.10
77.90
86.10
1
113.0
5.4
1
82A
SMBJP6KE91A
77.80
86.50
95.50
1
125.0
4.9
1
91A
SMBJP6KE100A
85.50
95.00
105.00
1
137.0
4.5
1
100A
SMBJP6KE110A
94.00
105.00
116.00
1
152.0
4.0
1
110A
SMBJP6KE120A
102.00
114.00
126.00
1
165.0
3.7
1
120A
SMBJP6KE130A
111.00
124.00
137.00
1
179.0
3.4
1
130A
SMBJP6KE150A
128.00
143.00
158.00
1
207.0
2.9
1
150A
SMBJP6KE160A
136.00
152.00
168.00
1
219.0
2.8
1
160A
SMBJP6KE170A
145.00
162.00
179.00
1
234.0
2.6
1
170A
SMBJP6KE180A
154.00
171.00
189.00
1
246.0
2.5
1
180A
SMBJP6KE200A
171.00
190.00
210.00
1
274.0
2.2
1
200A
SMBJP6KE220A
185.00
209.00
231.00
1
328.0
1.9
1
220A
SMBJP6KE250A
214.00
237.00
263.00
1
344.0
1.9
1
250A
SMBJP6KE300A
256.00
285.00
315.00
1
414.0
1.5
1
300A
SMBJP6KE350A
300.00
332.00
368.00
1
482.0
1.3
1
350A
SMBJP6KE400A
342.00
380.00
420.00
1
548.0
1.1
1
400A
SMBJP6KE440A
376.00
418.00
462.00
1
602.0
1.0
1
440A
SMBJP6KE480A
408.00
456.00
504.00
1
658.0
0.9
1
480A
SMBJP6KE510A
434.00
485.00
535.00
1
698.0
0.9
1
510A
SMBJP6KE530A
477.00
503.50
556.50
1
725.0
0.8
1
530A
SMBJP6KE540A
459.00
513.00
567.00
1
740.0
0.8
1
540A
SMBJP6KE550A
495.00
522.50
577.50
1
760.0
0.8
1
550A
SMBJP6KE6.8(C)A THRU SMBJP6KE550(C)A
MC C
For bi-directional type having Vrwm of 10 volts and less, the IR limit is double.
The available parts are “A” type only, the parts without A (VBR is
f10%) is not available.
TM
Micro Commercial Components
www.mccsemi.com
2 of 5
Revision:
E
2013/07/18


Similar Part No. - SMBJP6KE120CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJP6KE120CA MCC-SMBJP6KE120CA Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE120CA MCC-SMBJP6KE120CA Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results

Similar Description - SMBJP6KE120CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com